Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1166 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1166 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1162Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1163Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1164Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1165Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1166Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1167Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1168Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1169Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1170Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1166 / 1386 page
background image
Inverse Multiplexing for ATM (IMA)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
34-20
Freescale Semiconductor
34.3.3.3
Cell Processing Task
The cell processing task is triggered by the cell processing activation function. When the cell processing
task is triggered, it will extract cells in-order from the delay compensation buffers. Cells extracted from
the delay compensation buffers are processed per the standard MPC8280 ATM operation (i.e. mapped into
ATM channels and processed per the appropriate AAL or OAM function).
If the on-demand cell processing activation function is used, then when the cell processing task is
triggered, it will extract cells in-order from the delay compensation buffers until either (1) no more are
available, or (2) four cells have been extracted. The purpose of limiting the cell processing task to a
maximum of four cells is to limit the maximum latency of servicing requests from the external PHYs. Note
that, on the average, the receive process will deliver one cell to the ATM layer per cell reception.
If the IDCR-regulated processing activation function is used, then one cell will be extracted from the delay
compensation buffers of a particular IMA group per timeout of that group’s IDCR timer.
34.4
IMA Programming Model
34.4.1
Data Structure Organization
Figure 34-12 shows the organization of IMA data structures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com