Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 148 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 148 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 144Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 145Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 146Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 147Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 148Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 149Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 150Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 151Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 152Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 1386 page
background image
Memory Map
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
3-4
Freescale Semiconductor
0x10158
Base register bank 11 (BR11)
R/W
32 bits
0x0000_0000
11.3.1/11-13
0x1015C
Option register bank 11 (OR11)
R/W
32 bits
undefined
11.3.2/11-15
0x10160
Reserved
—
8 bytes
—
—
0x10168
Memory address register (MAR)
R/W
32 bits
undefined
11.3.7/11-29
0x1016C
Reserved
—
32 bits
—
—
0x10170
Machine A mode register (MAMR)
R/W
32 bits
0x0004_0000
11.3.5/11-26
0x10174
Machine B mode register (MBMR)
R/W
32 bits
0x0004_0000
0x10178
Machine C mode register (MCMR)
R/W
32 bits
0x0004_0000
0x1017C
Reserved
—
48 bits
—
—
0x10184
Memory periodic timer prescaler (MPTPR)
R/W
16 bits
undefined
11.3.12/11-32
0x10188
Memory data register (MDR)
R/W
32 bits
undefined
11.3.6/11-28
0x1018C
Reserved
—
32 bits
—
—
0x10190
60x bus SDRAM mode register (PSDMR)
R/W
32 bits
0x0000_0000
11.3.3/11-20
0x10194
Local bus SDRAM mode register (LSDMR)
R/W
32 bits
0x0000_0000
11.3.4/11-24
0x10198
60x bus-assigned UPM refresh timer (PURT)
R/W
8 bits
0x00
11.3.8/11-30
0x10199
Reserved
—
24 bits
—
—
0x1019C
60x bus-assigned SDRAM refresh timer (PSRT)
R/W
8 bits
0x00
11.3.10/11-31
0x1019D
Reserved
—
24 bits
—
—
0x101A0
Local bus-assigned UPM refresh timer (LURT)
R/W
8 bits
0x00
11.3.9/11-30
0x101A1
Reserved
—
24 bits
—
—
0x101A4
Local bus-assigned SDRAM refresh timer (LSRT)
R/W
8 bits
0x00
11.3.11/11-32
0x101A5
Reserved
—
24 bits
—
—
0x101A8
Internal memory map register (IMMR)
R/W
32 bits
reset
configuration
4.3.2.7/4-36
0x101AC
PCI base register 0 (PCIBR0)
R/W
32 bits
0x0000_0000
4.3.4.1 / 49
0x101B0
PCI base register 1 (PCIBR1)
R/W
32 bits
0x0000_0000
4.3.4.1 / 49
0x101B4–
0x101C3
Reserved
—
16 bytes
—
—
0x101C4
PCI mask register 0 (PCIMSK0)
R/W
32 bits
0x0000_0000
4.3.4.2/4-50
0x101C8
PCI mask register 1 (PCIMSK1)
R/W
32 bits
0x0000_0000
4.3.4.2/4-50
0x101CC
–
0x101FF
Reserved
—
52 bytes
—
—
Table 3-1. Internal Memory Map (continued)
Address
(offset)
Register
R/W
Size
Reset
Section/Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com