Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 151 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 151 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 147Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 148Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 149Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 150Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 151Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 152Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 153Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 154Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 155Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 1386 page
background image
Memory Map
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
3-7
0x106A0
DMA 3 byte count register (DMABCR3)
R/W
32 bits
0x0000_0000
9.13.1.6.6/9-94
0x106A4
DMA 3 next descriptor address register (DMANDAR3)
R/W
32 bits
0x0000_0000
9.13.1.6.7/9-95
0x10800
PCI outbound translation address register 0 (POTAR0)
R/W
32 bits
0x0000_0000
9.11.1.3/9-30
0x10808
PCI outbound base address register 0 (POBAR0)
R/W
32 bits
0x0000_0000
9.11.1.4/9-31
0x10810
PCI outbound comparison mask register 0 (POCMR0)
R/W
32 bits
0x0000_0000
9.11.1.5/9-32
0x10818
PCI outbound translation address register 1 (POTAR1)
R/W
32 bits
0x0000_0000
9.11.1.3/9-30
0x10820
PCI outbound base address register 1 (POBAR1)
R/W
32 bits
0x0000_0000
9.11.1.4/9-31
0x10828
PCI outbound comparison mask register 1 (POCMR1)
R/W
32 bits
0x0000_0000
9.11.1.5/9-32
0x10830
PCI outbound translation address register 2 (POTAR2)
R/W
32 bits
0x0000_0000
9.11.1.3/9-30
0x10838
PCI outbound base address register 2 (POBAR2)
R/W
32 bits
0x0000_0000
9.11.1.4/9-31
0x10840
PCI outbound comparison mask register 2 (POCMR2)
R/W
32 bits
0x0000_0000
9.11.1.5/9-32
0x10878
Discard timer control register (PTCR)
R/W
32 bits
0x0000_0000
9.11.1.6/9-33
0x1087C
General purpose control register (GPCR)
R/W
32 bits
0x0000_0000
9.11.1.7/9-33
0x10880
PCI general control register (PCI_GCR)
R/W
32 bits
0x0000_0000
9.11.1.8/9-35
0x10884
Error status register (ESR)
R/W
32 bits
0x0000_0000
9.11.1.9/9-35
0x10888
Error mask register (EMR)
R/W
32 bits
0x0000_0FFF
9.11.1.10/9-37
0x1088C
Error control register (ECR)
R/W
32 bits
0x0000_00FF
9.11.1.11/9-38
0x10890
PCI error address capture register (PCI_EACR)
R/W
32 bits
0x0000_0000
9.11.1.12/9-39
0x10898
PCI error data capture register (PCI_EDCR)
R/W
32 bits
0x0000_0000
9.11.1.13/9-40
0x108A0
PCI error control capture register (PCI_ECCR)
R/W
32 bits
0x0000_0000
9.11.1.14/9-40
0x108D0
PCI inbound translation address register 1 (PITAR1)
R/W
32 bits
0x0000_0000
9.11.1.15/9-42
0x108D8
PCI inbound base address register 1 (PIBAR1)
R/W
32 bits
0x0000_0000
9.11.1.16/9-42
0x108E0
PCI inbound comparison mask register 1 (PICMR1)
R/W
32 bits
0x0000_0000
9.11.1.17/9-43
0x108E8
PCI inbound translation address register 0 (PITAR0)
R/W
32 bits
0x0000_0000
9.11.1.15/9-42
0x108F0
PCI inbound base address register 0 (PIBAR0)
R/W
32 bits
0x0000_0000
9.11.1.16/9-42
0x108F8
PCI inbound comparison mask register 0 (PICMR0)
R/W
32 bits
0x0000_0000
9.11.1.17/9-43
0x10900
PCI CFG_ADDR
R/W
32 bits
undefined
9.9.1.4.4/9-15
0x10904
PCI CFG_DATA
R/W
32 bits
0x0000_0000
9.9.1.4.4/9-15
0x10908
PCI INT_AC
R/W
32 bits
undefined
9.9.1.4.7/9-17
Interrupt Controller
0x10C00
SIU interrupt configuration register (SICR)
R/W
16 bits
0x0000
4.3.1.1/4-17
0x10C02
Reserved
—
16 bits
—
—
Table 3-1. Internal Memory Map (continued)
Address
(offset)
Register
R/W
Size
Reset
Section/Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com