Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 149 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 149 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 145Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 146Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 147Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 148Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 149Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 150Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 151Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 152Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 153Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 1386 page
background image
Memory Map
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
3-5
System Integration Timers
0x10200–
0x10 21F
Reserved
—
32 bytes
—
—
0x10220
Time counter status and control register (TMCNTSC)
R/W
16 bits
0x0000
4.3.2.14/4-43
0x10224
Time counter register (TMCNT)
R/W
32 bits
0x0000_0000
4.3.2.15/4-44
0x10228
Reserved
—
32 bits
—
—
0x1022C
Time counter alarm register (TMCNTAL)
R/W
32 bits
0x0000_0000
4.3.2.16/4-45
0x10230–
0x1023F
Reserved
—
16 bytes
—
—
0x10240
Periodic interrupt status and control register (PISCR)
R/W
16 bits
0x0000
4.3.3.1/4-46
0x10244
Periodic interrupt count register (PITC)
R/W
32 bits
0x0000_0000
4.3.3.2/4-47
0x10248
Periodic interrupt timer register (PITR)
R
32 bits
0x0000_0000
4.3.3.3/4-48
0x1024C–
0x102A8
Reserved
—
92 bytes
—
—
0x102AA–
0x1042F
Reserved
—
372
bytes
——
PCI
0x10430
Outbound interrupt status register (OMISR)
R/W
32 bits
0x0000_0000
9.12.3.4.3/9-80
0x10434
Outbound interrupt mask register (OMIMR)
R/W
32 bits
0x0000_0000
9.12.3.4.4/9-81
0x10440
Inbound FIFO queue port register (IFQPR)
R/W
32 bits
0x0000_0000
9.12.3.4.1/9-78
0x10444
Outbound FIFO queue port register (OFQPR)
R/W
32 bits
0x0000_0000
9.12.3.4.2/9-79
0x10450
Inbound message register 0 (IMR0)
R/W
32 bits
undefined
9.12.1.1/9-67
0x10454
Inbound message register 1 (IMR1)
R/W
32 bits
undefined
9.12.1.1/9-67
0x10458
Outbound message register 0 (OMR0)
R/W
32 bits
undefined
9.12.1.2/9-67
0x1045C
Outbound message register 1 (OMR1)
R/W
32 bits
undefined
9.12.1.2/9-67
0x10460
Outbound doorbell register (ODR)
R/W
32 bits
0x0000_0000
9.12.2.1/9-68
0x10468
Inbound doorbell register (IDR)
R/W
32 bits
0x0000_0000
9.12.2.2/9-69
0x10480
Inbound message interrupt status register (IMISR)
R/W
32 bits
0x0000_0000
9.12.3.4.5/9-82
0x10484
Inbound message interrupt mask register (IMIMR)
R/W
32 bits
0x0000_0000
9.12.3.4.6/9-83
0x104A0
Inbound free_FIFO head pointer register (IFHPR)
R/W
32 bits
0x0000_0000
9.12.3.2.1/9-72
0x104A8
Inbound free_FIFO tail pointer register (IFTPR)
R/W
32 bits
0x0000_0000
9.12.3.2.1/9-72
0x104B0
Inbound post_FIFO head pointer register (IPHPR)
R/W
32 bits
0x0000_0000
9.12.3.2.2/9-73
0x104B8
Inbound post_FIFO tail pointer register (IPTPR)
R/W
32 bits
0x0000_0000
9.12.3.2.2/9-73
Table 3-1. Internal Memory Map (continued)
Address
(offset)
Register
R/W
Size
Reset
Section/Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com