Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 164 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 164 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 160Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 161Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 162Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 163Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 164Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 165Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 166Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 167Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 168Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 1386 page
background image
Memory Map
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
3-20
Freescale Semiconductor
0x11A30
SCC2 event register (SCCE2)
R/W
16 bits
0x0000
21.19/21-19
(UART)
22.11/22-13
(HDLC)
23.14/23-15
(BISYNC)
24.12/24-11
(Transparent)
25.20/25-20
(Ethernet)
0x11A34
SCC2 mask register (SCCM2)
R/W
16 bits
0x0000
0x11A36
Reserved
—
8 bits
—
—
0x11A37
SCC2 status register (SCCS2)
R/W
8 bits
0x00
21.20/21-21
(UART)
22.12/22-15
(HDLC)
23.15/23-16
(BISYNC)
24.13/24-12
(Transparent)
0x11A38–
0x11A3F
Reserved
—
8 bytes
—
—
SCC3
0x11A40
SCC3 general mode register (GSMR_L3)
R/W
32 bits
0x0000_0000
20.1.1/20-3
0x11A44
SCC3 general mode register (GSMR_H3)
R/W
32 bits
0x0000_0000
0x11A48
SCC3 protocol-specific mode register (PSMR3)
R/W
16 bits
0x0000
20.1.2/20-9
21.16/21-13
(UART)
22.8/22-7
(HDLC)
23.11/23-10
(BISYNC)
24.9/24-8
(Transparent)
25.17/25-14
(Ethernet)
0x11A4A
Reserved
—
16 bits
—
—
0x11A4C
SCC3 transmit on demand register (TODR3)
R/W
16 bits
0x0000
20.1.4/20-10
0x11A4E
SCC3 data synchronization register (DSR3)
R/W
16 bits
0x7E7E
20.1.3/20-9
Table 3-1. Internal Memory Map (continued)
Address
(offset)
Register
R/W
Size
Reset
Section/Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com