Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 167 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 167 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 163Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 164Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 165Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 166Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 167Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 168Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 169Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 170Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 171Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 1386 page
background image
Memory Map
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
3-23
SPI
0x11AA0
SPI mode register (SPMODE)
R/W
16 bits
0x0000
39.4.1/39-6
0x11AA2
Reserved
—
4 bytes
—
—
0x11AA6
SPI event register (SPIE)
R/W
8 bits
0x00
39.4.2/39-9
0x11AA7
Reserved
—
24 bits
—
—
0x11AAA
SPI mask register (SPIM)
R/W
8 bits
0x00
39.4.2/39-9
0x11AAB
Reserved
—
24 bits
—
—
0x11AAD
SPI command register (SPCOM)
W
8 bits
0x00
39.4.3/39-10
0x11AAE
–
0x11AFF
Reserved
—
82 bytes
—
—
CPM Mux
0x11B00
CPM mux SI1 clock route register (CMXSI1CR)
R/W
8 bits
0x00
16.4.2/16-12
0x11B02
CPM mux SI2 clock route register (CMXSI2CR)
R/W
8 bits
0x00
16.4.3/16-13
0x11B03
Reserved
—
8 bits
—
—
0x11B04
CPM mux FCC clock route register (CMXFCR)
R/W
32 bits
0x0000_0000
16.4.4/16-13
0x11B08
CPM mux SCC clock route register (CMXSCR)
R/W
32 bits
0x0000_0000
16.4.5/16-16
0x11B0C
CPM mux SMC clock route register (CMXSMR)
R/W
8 bits
0x00
16.4.6/16-19
0x11B0D
Reserved
—
8 bits
—
—
0x11B0E
CPM mux UTOPIA address register (CMXUAR)2
R/W
16 bits
0x0000
16.4.1/16-7
0x11B10–
0x11B1F
Reserved
—
16 bytes
—
—
SI1 Registers
0x11B20
SI1 TDMA1 mode register (SI1AMR)
R/W
16 bits
0x0000
15.5.2/15-17
0x11B22
SI1 TDMB1 mode register (SI1BMR)
R/W
16 bits
0x0000
0x11B24
SI1 TDMC1 mode register (SI1CMR)
R/W
16 bits
0x0000
0x11B26
SI1 TDMD1 mode register (SI1DMR)
R/W
16 bits
0x0000
0x11B28
SI1 global mode register (SI1GMR)
R/W
8 bits
0x00
15.5.1/15-17
0x11B29
Reserved
—
8 bits
—
—
0x11B2A
SI1 command register (SI1CMDR)
R/W
8 bits
0x00
15.5.4/15-24
0x11B2B
Reserved
—
8 bits
—
—
0x11B2C
SI1 status register (SI1STR)
R/W
8 bits
0x00
15.5.5/15-25
0x11B2D
Reserved
—
8 bits
—
—
Table 3-1. Internal Memory Map (continued)
Address
(offset)
Register
R/W
Size
Reset
Section/Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com