Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 169 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 169 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 165Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 166Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 167Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 168Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 169Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 170Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 171Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 172Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 173Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 1386 page
background image
Memory Map
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
3-25
0x11B64
USB end point 1 register (USEP1)
R/W
16 bits
0x0000
27.5.7.3/27-18
0x11B66
USB end point 2 register (USEP2)
R/W
16 bits
0x0000
27.5.7.3/27-18
0x11B68
USB end point 3 register (USEP3)
R/W
16 bits
0x0000
27.5.7.3/27-18
0x11B6A
USB end point 4 register (USEP4)
R/W
16 bits
0x0000
27.5.7.3/27-18
0x11B6C–
0x11B6F
Reserved
—
32 bits
—
—
0x11B70
USB event register (USBER)
R/W
16 bits
0x0000
27.5.7.5/27-20
0x11B72
Reserved
—
16 bits
0x0000
—
0x11B74
USB mask register (USBMR)
R/W
16 bits
0x0000
27.5.7.6/27-21
0x11B77
USB status register (USBS)
R/W
8 bits
0x00
27.5.7.7/27-21
0x11B79–
0x11FFF
Reserved
—
1158
bytes
——
SI1 RAM
0x12000–
0x121FF
SI 1 transmit routing RAM (SI1TxRAM)
R/W
512
bytes
undefined
15.4.3/15-10
0x12200–
0x123FF
Reserved
—
512
bytes
——
0x12400–
0x125FF
SI 1 receive routing RAM (SI1RxRAM)
R/W
512
bytes
undefined
15.4.3/15-10
0x12600–
0x127FF
Reserved
—
512
bytes
——
SI2 RAM
0x12800–
0x129FF
SI 2 transmit routing RAM (SI2TxRAM)
R/W
512
bytes
undefined
15.4.3/15-10
0x12A00–
0x12BFF
Reserved
—
512
bytes
——
0x12C00–
0x12DFF
SI 2 receive routing RAM (SI2RxRAM)
R/W
512
bytes
undefined
15.4.3/15-10
0x12E00–
0x12FFF
Reserved
—
512
bytes
——
0x13000–
0x137FF
Reserved
—
2048
bytes
——
0x13800–
0x13FFF
Reserved
—
2048
bytes
——
Table 3-1. Internal Memory Map (continued)
Address
(offset)
Register
R/W
Size
Reset
Section/Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com