Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 173 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 173 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 169Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 170Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 171Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 172Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 173Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 174Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 175Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 176Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 177Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
4-1
Chapter 4
System Interface Unit (SIU)
The system interface unit (SIU) consists of several functions that control system start-up and initialization,
as well as operation, protection, and the external system bus. Key features of the SIU include the
following:
•
System configuration and protection
•
System reset monitoring and generation
•
Clock synthesizer
•
Power management
•
60x bus interface
•
Flexible, high-performance memory controller
•
Level-two cache controller interface
•
PCI interface
•
IEEE 1149.1 test-access port (TAP)
Figure 4-1 is a block diagram of the SIU.
Figure 4-1. SIU Block Diagram
60x Bus (32-Bit Address/64-Bit Data)
Memory
Controller
Core
Control
Memory
Controller
Local
Control
Local Bus (18-Bit Address/32-Bit Data)
Bridge
G2_LE Core
Communications
Processor
Configuration Registers
Counters
Interrupt
Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com