Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 171 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 171 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 167Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 168Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 169Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 170Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 171Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 172Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 173Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 174Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 175Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
II-1
Part II
Configuration and Reset
Intended Audience
Part II is intended for system designers and programmers who need to understand the operation of the
MPC8280 at start up. It assumes understanding of the PowerPC programming model described in the
previous chapters and a high level understanding of the MPC8280.
Contents
Part II describes start-up behavior of the MPC8280.
It contains the following chapters:
•
Chapter 4, “System Interface Unit (SIU),” describes the system configuration and protection
functions which provide various monitors and timers, and the 60x bus configuration.
•
Chapter 5, “Reset,” describes the behavior of the MPC8280 at reset and start-up.
Suggested Reading
Supporting documentation for the MPC8280 can be accessed through the world-wide web at
www.freescale.com. This documentation includes technical specifications, reference materials, and
detailed applications notes.
Conventions
This chapter uses the following notational conventions:
Bold entries in figures and tables showing registers and parameter RAM should
be initialized by the user.
mnemonics
Instruction mnemonics are shown in lowercase bold.
italics
Italics indicate variable command parameters, for example, bcctrx.
Book titles in text are set in italics.
0x0
Prefix to denote hexadecimal number
0b0
Prefix to denote binary number
rA, rB
Instruction syntax used to identify a source GPR
rD
Instruction syntax used to identify a destination GPR
REG[FIELD]
Abbreviations or acronyms for registers or buffer descriptors are shown in
uppercase text. Specific bits, fields, or numerical ranges appear in brackets. For
Bold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com