Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 166 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 166 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 162Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 163Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 164Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 165Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 166Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 167Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 168Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 169Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 170Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 1386 page
background image
Memory Map
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
3-22
Freescale Semiconductor
0x11A70
SCC4 event register (SCCE4)
R/W
16 bits
0x0000
21.19/21-19
(UART)
22.11/22-13
(HDLC)
23.14/23-15
(BISYNC)
24.12/24-11
(Transparent)
25.20/25-20
(Ethernet)
0x11A74
SCC4 mask register (SCCM4)
R/W
16 bits
0x0000
0x11A77
SCC4 status register (SCCS4)
—
8 bits
0x00
21.20/21-21
(UART)
22.12/22-15
(HDLC)
23.15/23-16
(BISYNC)
24.13/24-12
(Transparent)
0x11A78–
0x11A7F
Reserved
—
8 bytes
—
—
SMC1
0x11A82
SMC1 mode register (SMCMR1)
R/W
16 bits
0x0000
28.2.1/28-2
0x11A84
Reserved
—
16 bits
—
—
0x11A86
SMC1 event register (SMCE1)
R/W
8 bits
0x00
28.3.11/28-18
(UART)
28.4.10/28-28
(Transparent)
28.5.9/28-34
(GCI)
0x11A87
Reserved
—
24 bits
—
0x11A8A
SMC1 mask register (SMCM1)
R/W
8 bits
0x00
0x11A8B–
0x11A91
Reserved
—
7 bytes
—
—
SMC2
0x11A92
SMC2 mode register (SMCMR2)
R/W
16 bits
0x0000
28.2.1/28-2
0x11A94
Reserved
—
16 bits
—
—
0x11A96
SMC2 event register (SMCE2)
R/W
8 bits
0x00
28.3.11/28-18
(UART)
28.4.10/28-28
(Transparent)
28.5.9/28-34
(GCI)
0x11A97
Reserved
—
24 bits
—
0x11A9A
SMC2 mask register (SMCM2)
R/W
8 bits
0x00
0x11A9B–
0x11A9F
Reserved
—
5 bytes
—
—
Table 3-1. Internal Memory Map (continued)
Address
(offset)
Register
R/W
Size
Reset
Section/Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com