Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7GEME4M1 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST7GEME4M1
Description  Full-speed USB MCU with smartcard firmware and EMV/non-EMV interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7GEME4M1 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST7GEME4M1 Datasheet HTML 5Page - STMicroelectronics ST7GEME4M1 Datasheet HTML 6Page - STMicroelectronics ST7GEME4M1 Datasheet HTML 7Page - STMicroelectronics ST7GEME4M1 Datasheet HTML 8Page - STMicroelectronics ST7GEME4M1 Datasheet HTML 9Page - STMicroelectronics ST7GEME4M1 Datasheet HTML 10Page - STMicroelectronics ST7GEME4M1 Datasheet HTML 11Page - STMicroelectronics ST7GEME4M1 Datasheet HTML 12Page - STMicroelectronics ST7GEME4M1 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
ST7GEME4
Pin description
9/28
Figure 4.
Smartcard interface reference application - 24-pin SO package
1.
Mandatory values for the external components:
C1 = 4.7 µF; C2 = 100 nF. C1 and C2 must be located close to the chip (refer to Section 4.4.2.).
C3 = 1 nF;
C4 = 4.7 µF ESR 0.5
Ω.
C5 : 470 pF;
C6 : 100 pF;
R : 1.5k
Ω;
L1 : 10 µH, 2
Ω;
Crystal 4.0 MHz; Impedance max100
Ω
D1: BAT42 SHOTTKY.
23
2
GNDA
S
Ground
24
3
GND
S
1
4
CDRVCC
O
CT X
Smartcard supply pin
Table 2.
Pin description (continued)
Pin number
Pin name
Level
Port / Control
Main
function
(after reset)
Alternate function
Input
Output
LED0
DM
DP
USBVcc
OSCIN
OSCOUT
VPP
DIODE
CRDCLK
CRDRST
CRDVCC
PA6
CRDIO
C8
CRDDET
PA0
VDDA
C4
GNDA
PA1
NC
GND
VDD
SELF
VDD
CL1
CL2
C4
C5
C6
VDD
L1
C3
D1
R
LED
C1
C2
VDD
D+
D-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com