Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7GEME4M1 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST7GEME4M1
Description  Full-speed USB MCU with smartcard firmware and EMV/non-EMV interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7GEME4M1 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST7GEME4M1 Datasheet HTML 9Page - STMicroelectronics ST7GEME4M1 Datasheet HTML 10Page - STMicroelectronics ST7GEME4M1 Datasheet HTML 11Page - STMicroelectronics ST7GEME4M1 Datasheet HTML 12Page - STMicroelectronics ST7GEME4M1 Datasheet HTML 13Page - STMicroelectronics ST7GEME4M1 Datasheet HTML 14Page - STMicroelectronics ST7GEME4M1 Datasheet HTML 15Page - STMicroelectronics ST7GEME4M1 Datasheet HTML 16Page - STMicroelectronics ST7GEME4M1 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
ST7GEME4
Electrical characteristics
13/28
4
Electrical characteristics
4.1
Absolute maximum ratings
The ST7GEME4 contains circuitry to protect the inputs against damage due to high static
voltages. However it is advisable to take normal precautions to avoid applying any voltage
higher than the specified maximum rated voltages.
For proper operation it is recommended that VI and VO be higher than VSS and lower than
VDD. Reliability is enhanced if unused inputs are connected to an appropriate logic voltage
level (VDD or VSS).
Power considerations
The average chip-junction temperature, TJ, in Celsius can be obtained by the following
equation:
where:
TA = Ambient temperature
RthJA = Package thermal resistance (junction-to ambient)
PD = PINT + PPORT
PINT = IDD x VDD (chip internal power)
PPORT = Port power dissipation determined by the user
Stresses above those listed as “absolute maximum ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device at these
conditions is not implied. Exposure to maximum rating for extended periods may affect
device reliability.
Warning:
Direct connection to VDD or VSS of the I/O pins could damage
the device in case of program counter corruption (due to
unwanted change of the I/O configuration). To guarantee safe
conditions, this connection has to be done through a typical
10k
Ω pull-up or pull-down resistor.
Table 4.
Absolute maximum ratings
Symbol
Ratings
Value
Unit
VDD - VSS
Supply voltage
6.0
V
VIN
Input voltage
VSS - 0.3 to VDD + 0.3
V
VOUT
Output voltage
VSS - 0.3 to VDD + 0.3
V
ESD
ESD susceptibility
2000
V
ESDCard
ESD susceptibility for card pads
4000
V
IVDD_i
Total current into VDD_i (source)
250
mA
IVSS_i
Total current out of VSS_i (sink)
250
T
J
T
A
PD
RthJA
×
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com