Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C64-R Datasheet(PDF) 47 Page - STMicroelectronics

Part # M24C64-R
Description  64-Kbit serial I²C bus EEPROM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64-R Datasheet(HTML) 47 Page - STMicroelectronics

Back Button M24C64-R Datasheet HTML 43Page - STMicroelectronics M24C64-R Datasheet HTML 44Page - STMicroelectronics M24C64-R Datasheet HTML 45Page - STMicroelectronics M24C64-R Datasheet HTML 46Page - STMicroelectronics M24C64-R Datasheet HTML 47Page - STMicroelectronics M24C64-R Datasheet HTML 48Page - STMicroelectronics M24C64-R Datasheet HTML 49Page - STMicroelectronics M24C64-R Datasheet HTML 50Page - STMicroelectronics M24C64-R Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 54 page
background image
DS6638 Rev 36
47/54
M24C64-W M24C64-R M24C64-F M24C64-DF
Ordering information
53
10
Ordering information
Table 29. Ordering information scheme
Example:
M24C64
-D
W MC 6
T
P /P F
Device type
M24 = I2C serial access EEPROM
Device function
C64 = 64 Kbit (8192 x 8 bit)
Device family
Blank = Without Identification page
D = With Identification page
Operating voltage
W = VCC = 2.5 V to 5.5 V
R = VCC = 1.8 V to 5.5 V
F = VCC = 1.7 V to 5.5 V
Package
BN = PDIP8(1)
1. RoHS-compliant (ECOPACK1®)
MN = SO8 (150 mil width)(2)
2. ECOPACK2® ((RoHS compliant and free of brominated, chlorinated and antimony oxide flame retardants))
DW = TSSOP8 (169 mil width)(2)
MC = UFDFPN8 (DFN8)(2)
MH = UFDFPN5 (DFN5)(2)
CS = 5-bump WLCSP(2)
CT = 8-bump WLCSP(2)
CU = 4-bump WLCSP
Device grade
6 = Industrial: device tested with standard test flow over –40 to 85 °C
Option
T = Tape and reel packing
blank = tube packing
Plating technology
P or G = ECOPACK2®
Process(3) or Packing option
3. The process letter is used only when ordering WLCSP packages, the process letter is not specified when
ordering any other package. These process letters appear on the device package (marking) and on the
shipment box. Please contact your nearest ST Sales Office for further information.
/P or /K or /T = Manufacturing technology code
/12 = Packing 12 mm tape
Option
Blank = No Back Side Coating
F = Back Side Coating (WLCSP height = 0.345mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com