Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C64-R Datasheet(PDF) 41 Page - STMicroelectronics

Part # M24C64-R
Description  64-Kbit serial I²C bus EEPROM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64-R Datasheet(HTML) 41 Page - STMicroelectronics

Back Button M24C64-R Datasheet HTML 37Page - STMicroelectronics M24C64-R Datasheet HTML 38Page - STMicroelectronics M24C64-R Datasheet HTML 39Page - STMicroelectronics M24C64-R Datasheet HTML 40Page - STMicroelectronics M24C64-R Datasheet HTML 41Page - STMicroelectronics M24C64-R Datasheet HTML 42Page - STMicroelectronics M24C64-R Datasheet HTML 43Page - STMicroelectronics M24C64-R Datasheet HTML 44Page - STMicroelectronics M24C64-R Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
DS6638 Rev 36
41/54
M24C64-W M24C64-R M24C64-F M24C64-DF
Package information
53
9.6
WLCSP4 ultra thin package information
Figure 25. Ultra Thin WLCSP- 4-bump, 0.795 x 0.674 mm,wafer level chip
scale package outline
1. Drawing is not to scale.
2. Primary datum Z and seating plane are defined by the spherical crowns of the bump.
Table 26. Ultra Thin WLCSP- 4-bump, 0.795 x 0.674 mm, wafer level chip
scale package mechanical data
Symbol
millimeters
inches(1)
Min
Typ
Max
Min
Typ
Max
A
0.285
0.315
0.345
0.0112
0.0124
0.0136
A1
-
0.115
-
-
0.0045
-
A2
-
0.175
-
-
0.0069
-
A3 (BSC)
-
0.025
-
-
0.0010
-
b(2) (3)
-
0.160
-
-
0.0063
-
D
-
0.795
0.815
-
0.0313
0.0321
E
-
0.674
0.694
-
0.0265
0.0273
e
-
0.400
-
-
0.0157
-
F
-
0.137
-
-
0.0054
-
G
-
0.198
-
-
0.0078
-
aaa
-
-
0.110
-
-
0.0043



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com