Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPC60C Datasheet(PDF) 4 Page - Bookham, Inc.

Part # BPC60C
Description  60W 9xxnm 20% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

BPC60C Datasheet(HTML) 4 Page - Bookham, Inc.

  BPC60C Datasheet HTML 1Page - Bookham, Inc. BPC60C Datasheet HTML 2Page - Bookham, Inc. BPC60C Datasheet HTML 3Page - Bookham, Inc. BPC60C Datasheet HTML 4Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Data Sheet
4
BH13479 Rev 1.0 June 2007
©Bookham 2005. Bookham is a registered trademark of Bookham Inc.
RoHS Compliance
Bookham is fully committed to environment
protection and sustainable development and has
set in place a comprehensive program for
removing polluting and hazardous substances from
all of its products. The relevant evidence of RoHS
compliance is held as part of our controlled
documentation for each of our compliant products.
RoHS compliance parts are available to order,
please refer to the ordering information section for
further details.
Ordering Information:
BPC60C-915-02
60W 915nm 20% Fill Factor Laser Diode Bar on Passive Cu Block Cooler
BPC60C-940-02
60W 940nm 20% Fill Factor Laser Diode Bar on Passive Cu Block Cooler
BPC60C-980-02
60W 980nm 20% Fill Factor Laser Diode Bar on Passive Cu Block Cooler
Bookham
(Switzerland) AG
Binzstrasse 17
8045 Zurich
Switzerland
• Tel: +41 44 455 8787
• Fax:+41 44 455 8586
www.bookham.com
highpower@bookham.com
Important Notice
Performance figures, data and any illustrative material
provided in this data sheet are typical and must be
specifically confirmed in writing by Bookham before
they become applicable to any particular order or
contract. In accordance with the Bookham policy of
continuous improvement specifications may change
without notice. The publication of information in this
data sheet does not imply freedom from patent or other
protective rights of Bookham or others. Further details
are available from any Bookham sales representative.
Contact Information
EMEA Sales Contact
Gunnar Stolze
• Tel: +41 79 635 3777
North America
Sales Contact
Michael Cutler
• Tel: +1 678 763 0777
ASIA Sales Contact
Patrick Lee
• Tel: +852 9197 7014
Japan Sales Contact
Japan Laser Corporation
• Tel: +813 5285 0861
REFERENCE IEC 60825-Edition 1.2
INVISIBLE LASER
RADIATION AVOID EYE OR
SKIN EXPOSURE TO DIRECT
OR SCATTERED RADIATION
CLASS 4 LASER PRODUCT
DANGER
MAX POWER 60W
WAVELENGTH 900 – 1060nm
CLASS IV LASER PRODUCT
INVISIBLE LASER RADIATION -
AVOID EYE OR SKIN EXPOSURE TO
DIRECT OR SCATTERED RADIATION
THIS PRODUCT COMPLIES
WITH 21CFR 1040.10
FM 68159
ISO 9001:2000
Certified



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com