Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPC60C Datasheet(PDF) 1 Page - Bookham, Inc.

Part # BPC60C
Description  60W 9xxnm 20% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

BPC60C Datasheet(HTML) 1 Page - Bookham, Inc.

  BPC60C Datasheet HTML 1Page - Bookham, Inc. BPC60C Datasheet HTML 2Page - Bookham, Inc. BPC60C Datasheet HTML 3Page - Bookham, Inc. BPC60C Datasheet HTML 4Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
1
The Bookham BPC60C-9xx-02 20% fill factor laser diode bar
on passive cooler series has been designed to provide the
increased brightness and reliability required for collimated
pumping of next generation solid-state lasers and direct
applications. The proprietary E2 front mirror passivation
process, developed at our Zurich site, prevents Catastrophic
Optical Damage (COD) to the laser diode facet even at
extremely high output powers. The laser diode bars are
mounted on an expansion matched CuW submount onto a Cu
block package providing very high reliability in CW and pulsed
(1-Hz type) applications.
Features:
• Mounted 10mm x 2.4mm laser diode bar
• Passive 1" x 1" Cu block cooler
• 20% fill factor (100µm emitter / 500µm pitch)
• 60W operating power
• Highly reliable single quantum well MBE structure
• Telecom-grade AuSn mounting technology
• Standard wavelengths at 915nm, 940nm, and 980nm
(others available on request)
• RoHS compliant
Applications:
• Collimated solid-state laser pumping
• Direct applications such as material processing
• Printing
• Medical
Preliminary
60W 9xxnm 20% Fill Factor High Power Laser Diode
Bar on Passive Cu Block Cooler
BPC60C-9xx-02


Similar Part No. - BPC60C

ManufacturerPart #DatasheetDescription
logo
Bi technologies
BPC BITECH-BPC Datasheet
1Mb / 2P
3W to 10W PLANAR HIGH POWER RESISTORS
logo
TT Electronics.
BPC TTELEC-BPC Datasheet
274Kb / 2P
Non-Inductive planar package
BPC TTELEC-BPC Datasheet
285Kb / 2P
3W to 10W Planar High Power Resistors
06.18
logo
Coherent Corp
BPC-1030-35-2-01 COHERENT-BPC-1030-35-2-01 Datasheet
438Kb / 2P
DUAL-STAGE BBO POCKELS CELL
logo
BOSER Technology Co., L...
BPC-3610 BOSER-BPC-3610 Datasheet
1Mb / 26P
10.4??Small Size Panel PC with CF, TV-Out, AC/DC P/S
More results

Similar Description - BPC60C

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
BAC40C-806-01 BOOKHAM-BAC40C-806-01 Datasheet
263Kb / 4P
40W 806nm 30% Fill Factor High Power Laser Diode Bar on Microchannel Cooler
BAC80C BOOKHAM-BAC80C Datasheet
261Kb / 4P
80W 9xxnm High Power Laser Diode Bar on Microchannel Cooler
BAC120C BOOKHAM-BAC120C Datasheet
261Kb / 4P
120W 9xxnm High Power Laser Diode Bar on Microchannel Cooler
BPC30C BOOKHAM-BPC30C Datasheet
398Kb / 4P
30W 9xx nm MaxiChip High Power Laser Diode on Passive Cu Block Cooler
BPC40C BOOKHAM-BPC40C Datasheet
233Kb / 4P
40W 10xxnm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
BPC40C-806 BOOKHAM-BPC40C-806 Datasheet
234Kb / 4P
40W 806nm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
BPC50C BOOKHAM-BPC50C Datasheet
234Kb / 4P
50W 9xxnm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
BPC80C BOOKHAM-BPC80C Datasheet
235Kb / 4P
80W 9xxnm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
SPC40C-980-01 BOOKHAM-SPC40C-980-01 Datasheet
233Kb / 4P
40W / 30W 980nm High Brightness Single-Mode Laser Diode Bar on Passive Cu Block Cooler
VAC80C-915-01 BOOKHAM-VAC80C-915-01 Datasheet
574Kb / 4P
80W 9xxnm High Power Very High Brightness Laser Diode Bar on Microchannel Cooler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com