Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DNA-8C Datasheet(PDF) 4 Page - Danley Sound Labs. All Rights Reserved.

Part # DNA-8C
Description  DNA C series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DANLEY [Danley Sound Labs. All Rights Reserved.]
Direct Link  https://www.danleysoundlabs.com/
Logo DANLEY - Danley Sound Labs. All Rights Reserved.

DNA-8C Datasheet(HTML) 4 Page - Danley Sound Labs. All Rights Reserved.

  DNA-8C Datasheet HTML 1Page - Danley Sound Labs. All Rights Reserved. DNA-8C Datasheet HTML 2Page - Danley Sound Labs. All Rights Reserved. DNA-8C Datasheet HTML 3Page - Danley Sound Labs. All Rights Reserved. DNA-8C Datasheet HTML 4Page - Danley Sound Labs. All Rights Reserved. DNA-8C Datasheet HTML 5Page - Danley Sound Labs. All Rights Reserved. DNA-8C Datasheet HTML 6Page - Danley Sound Labs. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DNA Pro series
10K8 • 3K8
2196 Hilton Drive, Suite E Gainesville, GA, U.S.A 30501
Telephone: 877-419-5805
Email: info@danleysoundlabs.com
Mains Current and Thermal Dissipation
DNA 10K8c
Sleep Mode (slow wake up)
AC Mains Power Draw
(Watts)
Current Draw (Amps)
Thermal Dissipation
120 VAC
230 VAC
Watts
BTU/Hr
Kcal/Hr
4.5
0.4
0.2
4.5
15
4
Standby Mode (fast wake up)
AC Mains Power Draw
(Watts)
Current Draw (Amps)
Thermal Dissipation
120 VAC
230 VAC
Watts
BTU/Hr
Kcal/Hr
60
1.0
0.5
60
205
52
Running with no audio signal
AC Mains Power Draw
(Watts)
Current Draw (Amps)
Thermal Dissipation
120 VAC
230 VAC
Watts
BTU/Hr
Kcal/Hr
204
3
1.5
204
696
175
Running with audio signal (all channels driven)
Load
Mode
Load
(Ohms)
Signal Duty & Crest
Factor
Input Power
(Watts)
Current Draw (Amps)
Thermal Dissipation
120 VAC
230 VAC
Watts
BTU/Hr
Kcal/Hr
2 Ohm
2
1/8, CF=4.0 (12dB)
1703
20.4
10.6
453
1547
390
2 Ohm
4
1/4, CF=2.8 (9dB)
1652
19.8
10.3
402
1371
345
2 Ohm
4
1/8, CF=4.0 (12dB)
938
11.9
6.2
313
1069
269
4 Ohm
4
1/4, CF=2.8 (9dB)
2967
31.6
16.5
467
1592
401
4 Ohm
4
1/8, CF=4.0 (12dB)
1617
20
10.4
367
1251
315
4 Ohm
8
1/4, CF=2.8 (9dB)
1605
19.2
10.0
355
1211
305
4 Ohm
8
1/8, CF=4.0 (12dB)
920
16.6
6.1
295
1007
254
8 Ohm
8
1/4, CF=2.8 (9dB)
2825
33.1
17.3
325
1109
279
8 Ohm
8
1/8, CF=4.0 (12dB)
1567
18.5
9.6
317
1081
272
NOTES:
•
The amplifier was configured to have no audio processing
•
Measurements were performed with a Hameg HM8115-2 power analyzer
•
All measurements were done at 230 VAC, 50 Hz
•
The Current Draw figures for 120 VAC are calculated



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com