Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DNA-8C Datasheet(PDF) 5 Page - Danley Sound Labs. All Rights Reserved.

Part # DNA-8C
Description  DNA C series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DANLEY [Danley Sound Labs. All Rights Reserved.]
Direct Link  https://www.danleysoundlabs.com/
Logo DANLEY - Danley Sound Labs. All Rights Reserved.

DNA-8C Datasheet(HTML) 5 Page - Danley Sound Labs. All Rights Reserved.

  DNA-8C Datasheet HTML 1Page - Danley Sound Labs. All Rights Reserved. DNA-8C Datasheet HTML 2Page - Danley Sound Labs. All Rights Reserved. DNA-8C Datasheet HTML 3Page - Danley Sound Labs. All Rights Reserved. DNA-8C Datasheet HTML 4Page - Danley Sound Labs. All Rights Reserved. DNA-8C Datasheet HTML 5Page - Danley Sound Labs. All Rights Reserved. DNA-8C Datasheet HTML 6Page - Danley Sound Labs. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DNA Pro series
10K8 • 3K8
2196 Hilton Drive, Suite E Gainesville, GA, U.S.A 30501
Telephone: 877-419-5805
Email: info@danleysoundlabs.com
Mains Current and Thermal Dissipation
DNA 3K8c
Sleep Mode (slow wake up)
AC Mains Power Draw
(Watts)
Current Draw (Amps)
Thermal Dissipation
120 VAC
230 VAC
Watts
BTU/Hr
Kcal/Hr
4.5
0.4
0.2
4.5
15
4
Standby Mode (fast wake up)
AC Mains Power Draw
(Watts)
Current Draw (Amps)
Thermal Dissipation
120 VAC
230 VAC
Watts
BTU/Hr
Kcal/Hr
60
1.0
0.5
60
205
52
Running with no audio signal
AC Mains Power Draw
(Watts)
Current Draw (Amps)
Thermal Dissipation
120 VAC
230 VAC
Watts
BTU/Hr
Kcal/Hr
204
3
1.5
204
696
175
Running with audio signal (all channels driven)
Load
Mode
Load
(Ohms)
Signal Duty & Crest
Factor
Input Power
(Watts)
Current Draw (Amps)
Thermal Dissipation
120 VAC
230 VAC
Watts
BTU/Hr
Kcal/Hr
2 Ohm
2
1/8, CF=4.0 (12dB)
511
6.7
3.4
136
464
117
2 Ohm
4
1/4, CF=2.8 (9dB)
495
6.5
3.3
120
411
104
2 Ohm
4
1/8, CF=4.0 (12dB)
281
4.1
2.1
94
321
81
4 Ohm
4
1/4, CF=2.8 (9dB)
890
11.0
5.5
140
478
120
4 Ohm
4
1/8, CF=4.0 (12dB)
485
6.0
3.0
110
375
95
4 Ohm
8
1/4, CF=2.8 (9dB)
481
6.0
3.0
107
364
92
4 Ohm
8
1/8, CF=4.0 (12dB)
276
3.8
1.9
89
302
76
8 Ohm
8
1/4, CF=2.8 (9dB)
847
10.0
5.0
98
333
84
8 Ohm
8
1/8, CF=4.0 (12dB)
470
6.0
3.0
95
324
82
NOTES:
•
The amplifier was configured to have no audio processing
•
Measurements were performed with a Hameg HM8115-2 power analyzer
•
All measurements were done at 230 VAC, 50 Hz
•
The Current Draw figures for 120 VAC are calculated



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com