Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DNA-SC48 Datasheet(PDF) 2 Page - Danley Sound Labs. All Rights Reserved.

Part # DNA-SC48
Description  Danley System Controller
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DANLEY [Danley Sound Labs. All Rights Reserved.]
Direct Link  https://www.danleysoundlabs.com/
Logo DANLEY - Danley Sound Labs. All Rights Reserved.

DNA-SC48 Datasheet(HTML) 2 Page - Danley Sound Labs. All Rights Reserved.

  DNA-SC48 Datasheet HTML 1Page - Danley Sound Labs. All Rights Reserved. DNA-SC48 Datasheet HTML 2Page - Danley Sound Labs. All Rights Reserved. DNA-SC48 Datasheet HTML 3Page - Danley Sound Labs. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Crossover shapes
As well as the standard Butterworth, Bessel,
Linkwitz-Riley and Hardman filters, Danley
offers a unique “Linear Impulse Response”
(LIR) crossover filter which gives a Linear
Phase crossover that has a constant delay
regardless of frequency (unlike other types
of
crossover
which
delay
different
frequencies to a different extent, thus
smearing the arrival time).
The LIR crossover can thus be described as
having a flat Group Delay response, and
thus entirely free of Group Delay Distortion,
this is exactly the same as can be provided
by common FIR filtering but without the
complications and disadvantages inherent
with the FIR technique. The shape of the
LIR crossover filter is similar to a 4th order
Linkwitz-Riley filter, and maintains zero
phase difference between the adjacent
bands across the crossover region to keep
the polar response rock steady.
As we also employ phase matching on our
Bessel filters, adjacent bands are in-phase
throughout the crossover region.
High-Pass Filtering
To avoid unnecessary inter-band phase
shifts common in many competing products,
we provide high-pass filtering on the inputs
rather than forcing you to apply ‘system’
high-pass filtering on the low crossover
bands. Our white-paper “High-Pass Filtering
in Two-Way Systems” explains why this is
important.
Presets
The DNA SC48 uses Drive Module presets,
which are defined as a number of outputs
driven from one DSP input. This system
allows for better flexibility and greater
functionality when loading and storing
presets. Drive modules allow for a less
processor
centric
and
more
speaker
orientated system design. A drive module is
the processing provided by one Input DSP,
and a number of outputs, which are
associated with one-another by means of
routing. The DNA allows 50 drive module
presets to be stored.
Presets are stored permanently inside the
DNA and so will always be available even if
the DNA is not being used with PodWare.
PodWare Application
Thanks to the power of Obcom, PodWare
becomes much more than just a remote
control panel for a DNA. PodWare and any
connected
device(s)
become
intimately
intertwined, faithfully duplicating any control
adjustments whether they are made in
PodWare or on the front panel of the device
itself. Adjust a gain control on the device,
and watch the gain value in PodWare
smoothly slide in sympathy. They simply
cannot get out of ‘sync’. You can also
update the firmware in the unit via PodWare
– even via the network.
Each input and each output can be named
in PodWare. These names not only appear
for the User on the PodWare control panels,
but also show briefly when scrolling through
the inputs and outputs on the device itself.
Panel Views
Front view
Rear view
NETWORKED
AUDIO
INTERFACE
MAINS 100-230V 50-60Hz 30W
THIS UNIT MUST BE EARTHED
ETHER
NET
AUX
PORT
7
6
OUTPUTS
5
4
3
2
1
INPUTS
4
AES3 3&4
3
2
AES3 1&2
1
Refresher Flyer Rear -02
AES3 1&2
AES3 3&4
AES3 5&6
AES3 7&8
X Y



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com