Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DNA-SC48 Datasheet(PDF) 3 Page - Danley Sound Labs. All Rights Reserved.

Part # DNA-SC48
Description  Danley System Controller
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DANLEY [Danley Sound Labs. All Rights Reserved.]
Direct Link  https://www.danleysoundlabs.com/
Logo DANLEY - Danley Sound Labs. All Rights Reserved.

DNA-SC48 Datasheet(HTML) 3 Page - Danley Sound Labs. All Rights Reserved.

  DNA-SC48 Datasheet HTML 1Page - Danley Sound Labs. All Rights Reserved. DNA-SC48 Datasheet HTML 2Page - Danley Sound Labs. All Rights Reserved. DNA-SC48 Datasheet HTML 3Page - Danley Sound Labs. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DNA preliminary product information
Page 3 of 3
Technical Specifications
Input impedance >10k Ohm balanced
Output Imp
<100R imp. balanced
Max Input level
+20dBu
Max Output level +18dBu into 600R
Sample rate
96kHz
Frequency Resp
10Hz - 40kHz
Inp Dyn range
>120dBa Typ.
Out Dyn range
>118dBa Typ.
THD (20Hz–20kHz) <0.008% Typ.
Mains required
85-230VAC 50-60Hz
Mains power
30W
Connectors
Audio input
3 pin female XLR
Audio output
3 pin male XLR
Ethernet
Shielded RJ45
Aux Contact
3 pin Phoenix
Mains
3 pin IEC
Environmental
Temperature
0 to +45°C
Humidity
0 to 80% RH
(non-condensing)
Dimensions
Height
1U (44mm)
Width
482mm
Depth
254mm
Weight
2.7kg net
Options
There is internal provision for digital audio
network option cards to be fitted. It is
possible to use this connection to control
the DNA if desired *. Currently Danley
plan to support :
DANTE
Regulatory compliance
This product complies with the EMC
Directive (89/336/EEC) as issued by the
Commission
of
the
European
Community. Compliance with these
directives implies conformity with the
following European standards:
EN55103-1
Electromagnetic
Interference (Emission)
EN55103-2
Electromagnetic
Susceptibility (Immunity)
EN60065
Electrical Safety
It also meets the requirements of
UL6500 (Electrical Safety) and FCC part
15B (EMC).
This product is intended for operation in
the E2 (commercial) & E3 (urban)
Electromagnetic Environments.
*planned
E&OE
© 2012 danleysoundlabs.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com