Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT6021 Datasheet(PDF) 1 Page - Atom Lighting

Part # AT6021
Description  LED Backlit panels
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

AT6021 Datasheet(HTML) 1 Page - Atom Lighting

  AT6021 Datasheet HTML 1Page - Atom Lighting AT6021 Datasheet HTML 2Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LED PANELS
AT6021
LED Backlit panels
Features
• Easy to install
• LED Driver included
• 5 Year warranty
• PC Diffuser
UGR
<17*
Colour Temperature
Cool white and daylight
Wiring
Flex & plug
Beam angle
90°
atomlighting.com.au
© 2020 Atom Lighting
Email: sales@evolt.com.au
Ph: 1300 4EVOLT (438 658)


Similar Part No. - AT6021

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
AT6021 ASI-AT6021 Datasheet
20Kb / 1P
SILICON ABRUPT JUNCTION TUNING VARACTOR
AT6021M ASI-AT6021M Datasheet
16Kb / 1P
SILICON ABRUPT JUNCTION TUNING VARACTOR
More results

Similar Description - AT6021

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
84BLN-AB1-112AN GRAYHILL-84BLN-AB1-112AN Datasheet
360Kb / 2P
Backlit for Low Light Applications
logo
Applied Concepts Inc.
ACD-2148 ACIPOWER-ACD-2148 Datasheet
316Kb / 3P
XGA LED BACKLIT TFT DISPLAY WITH NVIS CLASS B CAPABILITY
ACD-2238 ACIPOWER-ACD-2238 Datasheet
279Kb / 2P
XGA LED BACKLIT TFT DISPLAY
ACD-2283 ACIPOWER-ACD-2283 Datasheet
277Kb / 2P
SXGA LED BACKLIT TFT DISPLAY
ACD-2334 ACIPOWER-ACD-2334 Datasheet
368Kb / 3P
XGA LED BACKLIT TFT DISPLAY WITH NVIS CLASS B CAPABILITY
ACD-2353 ACIPOWER-ACD-2353 Datasheet
324Kb / 3P
XGA LED BACKLIT TFT DISPLAY WITH NVIS CLASS B CAPABILITY
ACD-2403 ACIPOWER-ACD-2403 Datasheet
324Kb / 3P
SXGA LED BACKLIT TFT DISPLAY WITH NVIS CLASS B CAPABILITY
logo
Cherry Semiconductor Co...
J84-2120 CHERRY-J84-2120 Datasheet
127Kb / 2P
Backlit Washable Keyboard
logo
C&K Components
APB CK-COMPONENTS-APB Datasheet
530Kb / 4P
Backlit Pushbutton Switch
APB CK-COMPONENTS-APB_V01 Datasheet
540Kb / 4P
Backlit Pushbutton Switch
28 Jul 21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com