Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT6021 Datasheet(PDF) 2 Page - Atom Lighting

Part # AT6021
Description  LED Backlit panels
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

AT6021 Datasheet(HTML) 2 Page - Atom Lighting

  AT6021 Datasheet HTML 1Page - Atom Lighting AT6021 Datasheet HTML 2Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AT6021
LED Backlit panels.
Description
Product datasheet
White (WH)
*Based on industry standard room measurements.
Finish
Product specification
Product range
Dimensions
Revision 18.06.20
Information is subject to change without prior notice
Images are for illustrative purposes only
E&OE
Voltage
220-240V ~ 50/60Hz
Power consumption
20W
36W
60W
Light colour options
Cool white
Daylight
Colour temperature
4000K
6500K
Colour rendering index
>80
Beam angle
90°
Dimmable
No
Warranty
5 Years
Working temperature
-10°C - 45°C
IP Rating
IP20
Electrical classification
Class II
Diffuser
PC
UGR
<17*
Sdcm
CW < 3
DL < 6
Lifetime
L70 B10 >60,000 Hrs
Code
Length
Width
Height
AT6021/306
295mm
595mm
34mm
AT6021/312
295mm
1195mm
34mm
AT6021/606
595mm
595mm
34mm
AT6021/612
595mm
1195mm
34mm
Code
Wattage
Lumen
SKU
AT6021/306/CW
20W
1975lm
13110
AT6021/306/DL
20W
1930lm
13112
AT6021/312/CW
36W
3455lm
13332
AT6021/312/DL
36W
3500lm
13346
AT6021/606/CW
36W
3680lm
13311
AT6021/606/DL
36W
3560lm
13328
AT6021/612/CW
60W
5925lm
13355
AT6021/612/DL
60W
5860lm
13367
AT6021/312
AT6021/612
AT6021/306
AT6021/606
1195mm
1195mm
595mm
595mm
34mm
34mm
34mm
34mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com