Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC151B Datasheet(PDF) 1 Page - Bookham, Inc.

Part # LC151B
Description  4 - 155 Mb/s Single-Mode OSC Laser, 1510 nm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

LC151B Datasheet(HTML) 1 Page - Bookham, Inc.

  LC151B Datasheet HTML 1Page - Bookham, Inc. LC151B Datasheet HTML 2Page - Bookham, Inc. LC151B Datasheet HTML 3Page - Bookham, Inc. LC151B Datasheet HTML 4Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
1
Specifically designed for use as a low speed out of band
optical service channel for optical amplifiers. The laser
is available in a low-inductance 14-pin butterfly package
with single-mode connectorized fiber-optic pigtail with a rated
peak output power of 2 mW. At 1510 nm, the LC151B-20
does not interfere with WDM traffic and operates outside
the normal EDFA gain region. The high reliability buried
hetero-structure DFB laser chip ensures the reliability of
the LC151B-20 over the entire range of recommended
operating conditions.
Features:
• Wavelength 1510 nm
• Designed to operate at 4 Mb/s - 155 Mb/s
• Low threshold, high reliability BHet laser chip
• Hermetically sealed 14 pin high speed
butterfly package
• High output power 2 mW minimum CW
• Internal InGaAs monitor photodiode
• Available with several optical connector options
• RoHS compliant
Applications:
• Optical Service Channel (OSC) applications in DWDM
transmission systems using optical amplifiers.
4 - 155 Mb/s Single-Mode OSC Laser, 1510 nm
LC151B


Similar Part No. - LC151B

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LC151 SEOUL-LC151 Datasheet
376Kb / 14P
INFRARED LAMP LED
LC151 SEOUL-LC151 Datasheet
360Kb / 13P
CYAN LAMP LED
LC151 SEOUL-LC151 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LC151 SEOUL-LC151 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LC151 SEOUL-LC151 Datasheet
378Kb / 14P
RED LAMP LED
More results

Similar Description - LC151B

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX5312 CEL-NX5312 Datasheet
347Kb / 5P
NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s, 1.25 Gb/s APPLICATIONS
NX7301BA-CC CEL-NX7301BA-CC Datasheet
105Kb / 4P
NECs 1310 nm InGaAsP MQW FP LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NX6301 CEL-NX6301 Datasheet
96Kb / 4P
1310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NX6306 CEL-NX6306 Datasheet
388Kb / 5P
1310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 155 Mb/s and 622 Mb/s APPLICATIONS
NX7303BA-CC CEL-NX7303BA-CC Datasheet
99Kb / 4P
1310 nm InGaAsP MQW FP LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s APPLICATION
logo
Optoway Technology Inc
SPB-37120-1510G OPTOWAY-SPB-37120-1510G Datasheet
172Kb / 5P
1510 nm TX / 1590 nm RX , 3.3V / 155 Mbps Single-Fiber SFP Transceiver
logo
California Eastern Labs
NX7301BA CEL-NX7301BA Datasheet
101Kb / 4P
LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NX6511GH CEL-NX6511GH Datasheet
967Kb / 6P
LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5815XZ AVAGO-AFCT-5815XZ Datasheet
313Kb / 10P
155 Mb/s Single Mode Fiber Optic Transceiver for ATM
AFCT-5805BZ AVAGO-AFCT-5805BZ_15 Datasheet
331Kb / 10P
155 Mb/s Single Mode Fiber Optic Transceiver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com