Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC151B Datasheet(PDF) 2 Page - Bookham, Inc.

Part # LC151B
Description  4 - 155 Mb/s Single-Mode OSC Laser, 1510 nm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

LC151B Datasheet(HTML) 2 Page - Bookham, Inc.

  LC151B Datasheet HTML 1Page - Bookham, Inc. LC151B Datasheet HTML 2Page - Bookham, Inc. LC151B Datasheet HTML 3Page - Bookham, Inc. LC151B Datasheet HTML 4Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Data Sheet
2
Absolute Maximum Ratings
Parameter
Conditions
Min
Max
Unit
Operating temperature
-40
+70
°C
Storage temperature
-40
+75
°C
Laser forward current above I
th
100
mA
Laser reverse voltage
2
V
Monitor diode bias
-10
V
Fibre bend radius
30
mm
Tcase = 25°C unless otherwise stated.
Conditions: Monitor bias -5V.
Parameter
Condition
Min
Typ
Max
Unit
Submount temperature
25
35
°C
Threshold current (I
th)
SOL
5
30
mA
Rated mean output power
50% duty
1.0
mW
Forward voltage
2 mW peak
2
V
Modulation current
2 mW peak
22
67
mA
Mean wavelength
10 Mb/s
1503
1518
nm
Monitor current
1 mW output
65
695
µA
Monitor dark current
5
50
nA
Heatpump current
70°C case/25°C submount
800
mA
Heatpump voltage
70°C case/25°C submount
1.3
2
V
Bandwidth
200
MHz
Sidemode suppression ratio
Rated ouput power
-35
dB
Spectral width
@ -20 dB
0.4
nm
Kink
To 120% peak
-20
20
%
Slope SAT
To 120% peak
-35
35
%
Pin #
Function
Pin #
Function
1
Thermistor
14
No connection
2
Thermistor
13
Ground
3
LD cathode
12
LD anode
4
Monitor anode
11
Ground
5
Monitor cathode
10
No connection
6
TEC (+)
9
Ground
7
TEC (-)
8
Ground
Connections
Parameters



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com