Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LU974C-R Datasheet(PDF) 2 Page - Bookham, Inc.

Part # LU974C-R
Description  980nm Pump Laser Module, Uncooled
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

LU974C-R Datasheet(HTML) 2 Page - Bookham, Inc.

  LU974C-R Datasheet HTML 1Page - Bookham, Inc. LU974C-R Datasheet HTML 2Page - Bookham, Inc. LU974C-R Datasheet HTML 3Page - Bookham, Inc. LU974C-R Datasheet HTML 4Page - Bookham, Inc. LU974C-R Datasheet HTML 5Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Data Sheet
2
Characteristics
Parameter
Min
Typ
Max
Unit
Conditions
Laser diode
Operating case temperature
0
70
°C
Threshold current
50
70
mA
70°C
974
Centre wavelength
976
nm
0 - 70°C (case)
980
FBG Stabilized
Operating voltage
1.75
2.2
V
200 mW, 70°C
320
100 mW, 70°C
345
110 mW, 70°C
370
120 mW, 70°C
395
130 mW, 70°C
420
140 mW, 70°C
Operating current
445
mA
150 mW, 70°C
475
160 mW, 70°C
500
170 mW, 70°C
525
180 mW, 70°C
550
190 mW, 70°C
550
200 mW, 70°C
Total power consumption
0.8
1.2
W
200 mW, 70°C
Power variation
0.1
0.15
dB
0 - 70°C, 10 - 240 mW
Power-in-band ratio
90
%
9xx ± 1.5 nm, 0 - 70°C
Monitor diode
Photodiode bias
-5
V
Photodiode dark current
5
nA
Photodiode responsivity
0.3
1.1
15
µA/mW
70°C
Operating Characteristics at Beginning of Life (BOL)
Notes:
Monitor diode for alarm and diagnostic purposes only.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com