Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LU974C-R Datasheet(PDF) 1 Page - Bookham, Inc.

Part # LU974C-R
Description  980nm Pump Laser Module, Uncooled
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

LU974C-R Datasheet(HTML) 1 Page - Bookham, Inc.

  LU974C-R Datasheet HTML 1Page - Bookham, Inc. LU974C-R Datasheet HTML 2Page - Bookham, Inc. LU974C-R Datasheet HTML 3Page - Bookham, Inc. LU974C-R Datasheet HTML 4Page - Bookham, Inc. LU974C-R Datasheet HTML 5Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Sheet
1
The Bookham LU9**X 980nm Pump Laser Module is the
second generation uncooled pump module providing higher
power for highly reliable amplification for metro, cross-connect
or other single/multi-channel amplification applications.
The LU9**X uses a Mini-DIL package enabling low-cost and
small form-factor. The G07 ridge-waveguide laser diode inside
has been designed for uncooled operation at high
temperature and power levels. Submarine qualification of the
G07 chip ensures high reliability even at 200mW, 70°C.
External Fiber Bragg Grating (FBG) stabilization provides
excellent wavelength and power stability over the entire
temperature operating range.
Features:
• Operating temperature range from 0°C to +70°C (case)
• 120 – 240mW linear power range over full
temperature range
• Polarization maintaining (PM) fiber
• Low power dissipation
• Mini-DIL housing for small size
• G07 ridge-waveguide laser chip inside with
Telecom reliability
• Wavelength stabilized by fiber Bragg grating over
entire operating range
• Center wavelength at 974, 976 and 980nm
• Telecordia GR-468-CORE compliant
• RoHS compliant
Applications:
• EDFA's or EWDA's requiring low-to-medium power
980nm pump modules with low power consumption,
small form-factor and low cost
980nm Pump Laser Module, Uncooled
LU9**X


Similar Part No. - LU974C-R

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
LU9024 VBSEMI-LU9024 Datasheet
995Kb / 7P
N-Channel 30-V (D-S) MOSFET
logo
LETEX TECHNOLOGY CORP.
LU910 LETEX-LU910 Datasheet
144Kb / 4P
Photo DMOS-FET Relay
LU934 LETEX-LU934 Datasheet
146Kb / 4P
Photo DMOS-FET Relay
logo
VBsemi Electronics Co.,...
LU9343 VBSEMI-LU9343 Datasheet
939Kb / 7P
P-Channel 60-V (D-S) MOSFET
logo
Schneider Electric
LU9AD7 SCHNEIDER-LU9AD7 Datasheet
130Kb / 2P
TeSys Ultra profibus DP connector LU9 A for TeSysUltra startercontrollers
May 11, 2022
More results

Similar Description - LU974C-R

ManufacturerPart #DatasheetDescription
logo
Agere Systems
A370 AGERE-A370 Datasheet
157Kb / 8P
A370-Type Analog Uncooled Laser Module
March 2001
D370 AGERE-D370 Datasheet
53Kb / 8P
D370-Type Digital Uncooled Laser Module
October 2000
logo
Bookham, Inc.
LC94 BOOKHAM-LC94 Datasheet
171Kb / 5P
980nm Pump Laser Module - Grating Stabilized, 300mW
LC95 BOOKHAM-LC95 Datasheet
341Kb / 5P
980nm Pump Laser Module - Grating Stabilized, 400mW
LC96 BOOKHAM-LC96 Datasheet
151Kb / 5P
High Power 980nm Pump Laser Module - Grating Stabilized, 600mW
LC96UA74-20R BOOKHAM-LC96UA74-20R Datasheet
160Kb / 5P
ULTRA High Power 980nm Pump Laser Module - Grating Stabilized, 750mW
MU4-940-04 BOOKHAM-MU4-940-04 Datasheet
209Kb / 3P
4W 940nm Uncooled Multimode Laser Diode Module
MU8-940-01 BOOKHAM-MU8-940-01 Datasheet
394Kb / 4P
8W 940nm Uncooled Multimode Laser Diode Module
logo
JDS Uniphase Corporatio...
49-3940-4000-B JDSU-49-3940-4000-B Datasheet
278Kb / 5P
Uncooled Multi-Mode Pump Module
logo
Roithner LaserTechnik G...
RLTG065AU ROITHNER-RLTG065AU Datasheet
49Kb / 1P
Uncooled MQW Laser Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com