Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LU980N-R Datasheet(PDF) 5 Page - Bookham, Inc.

Part # LU980N-R
Description  980nm Pump Laser Module, Uncooled
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

LU980N-R Datasheet(HTML) 5 Page - Bookham, Inc.

  LU980N-R Datasheet HTML 1Page - Bookham, Inc. LU980N-R Datasheet HTML 2Page - Bookham, Inc. LU980N-R Datasheet HTML 3Page - Bookham, Inc. LU980N-R Datasheet HTML 4Page - Bookham, Inc. LU980N-R Datasheet HTML 5Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Data Sheet
5
Important Notice
Performance figures, data and any illustrative material
provided in this data sheet are typical and must be
specifically confirmed in writing by Bookham before
they become applicable to any particular order or
contract. In accordance with the Bookham policy of
continuous improvement specifications may change
without notice. The publication of information in this
data sheet does not imply freedom from patent or other
protective rights of Bookham or others. Further details
are available from any Bookham sales representative.
Contact Information
BH12844 Rev 1.0 January 2007.
©Bookham 2006. Bookham is a registered trademark of Bookham Inc.
North America
Bookham Worldwide
Headquarters
2584 Junction Ave.
San Jose
CA 95134
USA
• Tel: +1 408 919 1500
• Fax: +1 408 919 6083
www.bookham.com
sales@bookham.com
Europe
Paignton Office
Brixham Road
Paignton
Devon
TQ4 7BE
United Kingdom
• Tel: +44 (0) 1803 66 2000
• Fax: +44 (0) 1803 66 2801
Asia
Shenzhen Office
2 Phoenix Road
Futian Free Trade Zone
Shenzhen 518038
China
• Tel: +86 755 33305888
• Fax: +86 755 33305805
+86 755 33305807
Ordering Information:
LU974C-R to LU974N-R
974nm Pump Laser Module,
Uncooled – Mini-DIL series
LU976C-R to LU976N-R
976nm Pump Laser Module,
Uncooled – Mini-DIL series
LU980C-R to LU980N-R
980nm Pump Laser Module,
Uncooled – Mini-DIL series
REFERENCE IEC 60825-1
Edition 1.2
INVISIBLE LASER RADIATION
AVOID EYE OR SKIN
EXPOSURE TO DIRECT OR
SCATTERED RADIATION
CLASS 4 LASER PRODUCT
Maximum Power >500mW
Wavelength >970nm
Power Levels
Product Code
Operating Power (EOL) (mW)
Kink free power (mW)
LU9xxC-R
100
120
LU9xxD-R
110
132
LU9xxE-R
120
144
LU9xxF-R
130
156
LU9xxG-R
140
168
LU9xxH-R
150
180
LU9xxJ-R
160
192
LU9xxK-R
170
204
LU9xxL-R
180
216
LU9xxM-R
190
228
LU9xxN-R
200
240
LASER RADIATION - AVOID EYE OR
SKIN EXPOSURE TO DIRECT OR
SCATTERED RADIATION
MAX POWER > 500mW
WAVELENGTH > 970nm
CLASS IV LASER PRODUCT
THIS PRODUCT COMPLIES WITH 21CFR 1040.10
Caution - use of controls or
adjustments or performance
of procedures other than those
specified herein may result in
hazardous radiation exposure.
RoHS Compliance
Bookham is fully committed to environment protection
and sustainable development and has set in place a
comprehensive program for removing polluting and
hazardous substances from all of its products. The
relevant evidence of RoHS compliance is held as part
of our controlled documentation for each of our
compliant products. RoHS compliance parts are
available to order, please refer to the ordering
information section for further details.
ISO14001:1996
EMS 504193
TL9000 Rev 3.0 (ISO9001:2000)
FM15040



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com