Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LU980N-R Datasheet(PDF) 3 Page - Bookham, Inc.

Part # LU980N-R
Description  980nm Pump Laser Module, Uncooled
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

LU980N-R Datasheet(HTML) 3 Page - Bookham, Inc.

  LU980N-R Datasheet HTML 1Page - Bookham, Inc. LU980N-R Datasheet HTML 2Page - Bookham, Inc. LU980N-R Datasheet HTML 3Page - Bookham, Inc. LU980N-R Datasheet HTML 4Page - Bookham, Inc. LU980N-R Datasheet HTML 5Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Data Sheet
3
Absolute Maximum Ratings
Fiber Pigtail
The absolute maximum ratings are conditions applied to the units for which the units are expected to recover
fully their specified performance, unless otherwise stated. Typical test environment is normal laboratory or
manufacturing area ambient conditions except as indicated differently.
Parameter
Min
Typ
Max
Unit
Conditions
Storage Temperature
-40
+85
°C
non-condensing
Lead Soldering Temperature
200
°C
For 10 seconds
ESD damage
500
V
HBM, C = 100 pF, R = 1.5 kW
900
mA
Tcase = 0°C
LD forward drive current
900
mA
Tcase = 25°C
800
mA
Tcase = 70°C
LD reverse voltage
2.5
V
LD reverse current
0.01
mA
LD operating temperature
0
70
°C
PD reverse voltage
20
V
PD reverse current
5
mA
Relative Humidity
5
95
%
Storage
5
85
%
Operating
Atmospheric Pressure
11
kPa
Storage
85
kPa
Operating
Parameter
Min
Typ
Max
Unit
Comments
Fiber type
Polarization Maintaining
Nufern PM980-HP or equivalent
Buffer diameter
230
250
270
mm
Recoating diameter
300
mm
Pigtail length after FBG
0.7
m
Module to FBG length
1.0
1.2
1.4
m
Splice & FBG proof test
150
kpsi
Fiber pull to housing
10
N



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com