Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL5000VCJ Datasheet(PDF) 6 Page - Bookham, Inc.

Part # TL5000VCJ
Description  LambdaFLEX??iTLA Integrable Tunable Laser Assembly with variable output power
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

TL5000VCJ Datasheet(HTML) 6 Page - Bookham, Inc.

  TL5000VCJ Datasheet HTML 1Page - Bookham, Inc. TL5000VCJ Datasheet HTML 2Page - Bookham, Inc. TL5000VCJ Datasheet HTML 3Page - Bookham, Inc. TL5000VCJ Datasheet HTML 4Page - Bookham, Inc. TL5000VCJ Datasheet HTML 5Page - Bookham, Inc. TL5000VCJ Datasheet HTML 6Page - Bookham, Inc. TL5000VCJ Datasheet HTML 7Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Data Sheet
6
Physical Connectivity
Pin Out Table
Pin #
Function
Pin #
Function
1
3V3
2
DIS
3
3V3
4
SRQ
5
GND
6
MS
7
GND
8
TXD
9
-5.2V
10
RXD
11
-5.2V
12
RST
13
OIF
14
MFR1
Customer Support and Handling Recommendations
An iTLA evaluation kit is available which provides a hardware platform to test and characterise the Bookham iTLA. It provides
convenient connection for iTLA power supplies, LED power indicators and a selection of module enable/disable and
software/hardware reset switches. This kit also includes a convenient GUI software applications interface which enables host/iTLA
communications using the OIF MSA recommended packet structure via the RS232 interface. Enabling comprehensive control and
status interrogation.
Please refer to your local sales representative for iTLA evaluation kit availability.
iTLA product support documents are also available on request. The Bookham applications document Handling and Operation
Recommendations for the Bookham Integrable Tunable Laser Assembly (iTLA) D00041-AN, provides recommendations and advice
regarding handling, mounting and operation of the iTLA to enable straightforward integration of the iTLA into a clients’ system card.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com