Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL5000VCJ Datasheet(PDF) 2 Page - Bookham, Inc.

Part # TL5000VCJ
Description  LambdaFLEX??iTLA Integrable Tunable Laser Assembly with variable output power
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

TL5000VCJ Datasheet(HTML) 2 Page - Bookham, Inc.

  TL5000VCJ Datasheet HTML 1Page - Bookham, Inc. TL5000VCJ Datasheet HTML 2Page - Bookham, Inc. TL5000VCJ Datasheet HTML 3Page - Bookham, Inc. TL5000VCJ Datasheet HTML 4Page - Bookham, Inc. TL5000VCJ Datasheet HTML 5Page - Bookham, Inc. TL5000VCJ Datasheet HTML 6Page - Bookham, Inc. TL5000VCJ Datasheet HTML 7Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Data Sheet
2
Optical Characteristics
The following parametric limits detailed are for a case temperature range of -5°C to 75°C unless otherwise stated.
EOL figures will be confirmed after full qualification
TL5000 iTLA Performance
Parameter
Min
Typ
Max
Unit
Conditions
Absolute output power range
8
14
dBm
Note
[4]
Optical power budget
-0.8
+0.7
dB
Note
[5]
Frequency Range
191.7
196.1
THz
C band, 89channels,
50GHz spacing.
Wavelength Range
1528.77
1563.86
nm
C Band
No of Channels
89
50GHz spacing
SMSR
40
45
dB
Linewidth
1
5
MHz
Lorentzian
RIN (10MHz-1GHz) (1-10GHz)
-110
-145
dB/Hz
Average RIN
OSNR
50
55
dB
0.1nm optical bandwidth
Polarization extinction ratio
20
dB
Return Loss
-50
-40
dB
Back Reflection Tolerance
-8.2
dB
For RIN <-140dB/Hz
Locked frequency accuracy
-2.5
+2.5
GHz
EOL
Shuttered output power
-35
-30
dBm
Linewidth for Brillouin suppression
250
1000
MHz
Brillouin frequency selection
10
100
kHz
Note
[1]
Trace Tone Frequency
10
500
kHz
Note
[1]
Trace Tone Modulation Depth
4
10
%
Tuning Speed
10
ms
Various scenarios apply, Note
[2]
iTLA 'cold-start' initialisation time
60
s
Note
[3]
Note:
[1] The Bookham iTLA incorporates a single onboard oscillator which is used to provide either SBS suppression or Trace Tone functionality, but cannot provide both functions
simultaneously. However the iTLA MFR1 input can be used to enable an external frequency source to be applied enabling both SBS suppression and Trace Tone functionality.
[2] The Bookham laser is guaranteed to tune within 10ms which is to comply with the OIF "Application A" (SONET/SDH Protection). However, this applies only for tuning
between channels with or without the laser enabled. Enabling the laser from a disabled state will take longer ~180ms as the tuning has to be executed more slowly in order to
maintain frequency accuracy and comply with the power/frequency mask.
[3] Time required from application of Vcc and Vee supplies for the iTLA to reach an operational state . Complies with the OIF MSA module warm up time.
[4] This is defined as the Start of Life (SOL) power adjustment range, specified at an iTLA case temperature of 25ºC.
[5] Specified over product life, operational temperature range and channel optical power budget.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com