Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1524 Datasheet(PDF) 1 Page - ams AG

Part # AS1524
Description  Micro-Power, 12-Bit, 150ksps, ADC, Single Ended or Differential
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1524 Datasheet(HTML) 1 Page - ams AG

  AS1524 Datasheet HTML 1Page - ams AG AS1524 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AS1524/AS1525
Micro-Power, 12-Bit, 150ksps, ADC, Single Ended
or Differential
Produ ct Brief
www.austriamicrosystems.com
Revision 1.00
1 - 2
1 General Description
The AS1524/AS1525 are low-power, 12-bit analog-to-
digital converters (ADCs) designed to operate with a sin-
gle +2.7 to +5.25V supply. Excellent dynamic perfor-
mance, low power consumption, and simplicity make
these devices perfect for portable battery-powered data-
acquisition applications.
The devices are available as the standard products
listed in Table 1.
The devices feature a successive-approximation regis-
ter (SAR), automatic shutdown, fast wakeup (1.4µs),
and low-power consumption at the maximum sampling
rate of 150ksps.
Automatic shutdown (0.2µA) between conversions
results in reduced power consumption (at slower
throughput rates).
Data access are made via an external clock through the
SPI-/QSPI-/MICROWIRE-compatible 3-wire high-speed
serial interface.
The AS1525/AS1524 are available in a 8-pin TDFN
(3x3mm) package.
Figure 1. Block Diagram
2 Key Features
!
Single-Supply Operation: +2.7 to +5.25V
!
Automatic Shutdown Between Conversions
!
Low Power Consumption
- 350µA @ 150ksps
- 245µA @ 100ksps
-24µA @ 10ksps
- 2.5µA @ 1ksps
- 200nA in Automatic Shutdown Mode
!
True-Differential Track/Hold, 150kHz Sampling Rate
Software-Configurable Unipolar/Bipolar Conversion
(AS1524)
!
Input Common Mode Range from GND to VDD
!
3-Wire SPI-/QSPI-/MICROWIRE-Compatible Serial
Interface
!
Internal Conversion Clock
!
8-pin TDFN (3x3mm) Package
3 Applications
The devices are ideal for remote sensors, data-acquisi-
tion, data logging devices, lab instruments, or for any
other space-limited A/D devices with low power con-
sumption and single-supply requirements.
Table 1. Standard Products
Model
Input Type
Input Voltage
AS1524
1-Channel, Pseudo /
True-Differential
0 to VREF /
-VREF/2 to VREF/2
AS1525
2-Channel, Single-
Ended
0 to VREF
AS1524/AS1525
Control
Logic
Input
Shift
Register
Osc
Track/
Hold
6
DOUT
5
GND
1
VDD
7
CNVST
8
SCLK
4
REF
12-Bit
SAR
2
AIN1/AIN+
2
AIN2/AIN-


Similar Part No. - AS1524

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1524 AMSCO-AS1524 Datasheet
708Kb / 22P
150ksps, 12-Bit, 1-Channel Pseudo/True-Differential and 2-Channel Single-Ended ADCs
AS1524-BTDR AMSCO-AS1524-BTDR Datasheet
708Kb / 22P
150ksps, 12-Bit, 1-Channel Pseudo/True-Differential and 2-Channel Single-Ended ADCs
AS1524-BTDT AMSCO-AS1524-BTDT Datasheet
708Kb / 22P
150ksps, 12-Bit, 1-Channel Pseudo/True-Differential and 2-Channel Single-Ended ADCs
AS1524 AMSCO-AS1524_1 Datasheet
708Kb / 22P
150ksps, 12-Bit, 1-Channel Pseudo/True-Differential and 2-Channel Single-Ended ADCs
More results

Similar Description - AS1524

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1286 MAXIM-MAX1286 Datasheet
241Kb / 15P
150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
19-2231; Rev 0; 10/01
logo
ams AG
AS1528 AMSCO-AS1528 Datasheet
544Kb / 21P
Micro-Power, 10-Bit, 150ksps, ADC, Single Ended or Differential
AS1524 AMSCO-AS1524_1 Datasheet
708Kb / 22P
150ksps, 12-Bit, 1-Channel Pseudo/True-Differential and 2-Channel Single-Ended ADCs
AS1528 AMSCO-AS1528_1 Datasheet
621Kb / 21P
Micro-Power, 10-Bit, 150ksps, ADC, Single Ended or Differential
logo
Analog Devices
AD7266BSUZ AD-AD7266BSUZ Datasheet
644Kb / 28P
Differential/Single-Ended Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
REV. B
logo
Maxim Integrated Produc...
MAX1289ETA MAXIM-MAX1289ETA Datasheet
231Kb / 15P
150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
Rev 3; 8/10
logo
Analog Devices
AD7266 AD-AD7266_15 Datasheet
889Kb / 29P
Differential/Single-Ended Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
REV. B
AD7265 AD-AD7265_17 Datasheet
810Kb / 29P
Differential/Single-Ended Input, 1 MSPS, 12-Bit, 3-Channel Dual SAR ADC
23-Feb-2017
AD7266 AD-AD7266_17 Datasheet
691Kb / 29P
Differential/Single-Ended Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
23-Feb-2017
logo
Maxim Integrated Produc...
MAX1286 MAXIM-MAX1286_V01 Datasheet
231Kb / 15P
150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
2010
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com