Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

57771 Datasheet(PDF) 1 Page - Belden Inc.

Part # 57771
Description  PROFIBUS Data Double-Ended Cordset: Male straight B-coded black M12
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

57771 Datasheet(HTML) 1 Page - Belden Inc.

  57771 Datasheet HTML 1Page - Belden Inc. 57771 Datasheet HTML 2Page - Belden Inc. 57771 Datasheet HTML 3Page - Belden Inc. 57771 Datasheet HTML 4Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product: 0975 254 101
PROFIBUS Data Double-Ended Cordset: Male straight B-coded black M12
Standard to female straight B-coded black M12 Standard, shielded, 50 V AC /
60 V DC, 4 A; PUR violet cable, 2-wires, 0.34 mm²
Product Description
PROFIBUS Data Double-Ended Cordset: Male straight B-coded black M12 Standard to female straight B-coded black M12 Standard, shielded, 50 V AC / 60 V
DC, 4 A; PUR violet cable, 2-wires, 0.34 mm²
Technical Drawing
Technical Specifications
Face View Side 1
Pin 1 Pin 2
Pin 3 Pin 4 Pin 5
n.c.
green n.c.
red
n.c.
Face View Side 2
Pin 1 Pin 2
Pin 3 Pin 4 Pin 5
n.c.
green n.c.
red
n.c.


Similar Part No. - 57771

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
577002B00000 AAVID-577002B00000 Datasheet
79Kb / 2P
For use with TO-220 packages
2/26/2003
577002B00000G AAVID-577002B00000G Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
577002B00000G AAVID-577002B00000G Datasheet
8Mb / 116P
How to Use This Catalog
577002B00000G AAVID-577002B00000G Datasheet
26Kb / 2P
Product Change Notification
September 20, 2005
577002B04000 AAVID-577002B04000 Datasheet
82Kb / 2P
For use with TO-220 packages
2/26/2003
More results

Similar Description - 57771

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1200020218 MOLEX-1200020218 Datasheet
28Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male
1201080027 MOLEX-1201080027_V01 Datasheet
29Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male
1201080039 MOLEX-1201080039_V01 Datasheet
29Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male
1201080188 MOLEX-1201080188 Datasheet
44Kb / 2P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male
1201080236 MOLEX-1201080236 Datasheet
46Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male
1201088182 MOLEX-1201088182 Datasheet
23Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male
1201088304 MOLEX-1201088304 Datasheet
46Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male
1201088305 MOLEX-1201088305 Datasheet
46Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male
1201088308 MOLEX-1201088308 Datasheet
46Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male
1201088311 MOLEX-1201088311 Datasheet
46Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com