Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

57771 Datasheet(PDF) 3 Page - Belden Inc.

Part # 57771
Description  PROFIBUS Data Double-Ended Cordset: Male straight B-coded black M12
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

57771 Datasheet(HTML) 3 Page - Belden Inc.

  57771 Datasheet HTML 1Page - Belden Inc. 57771 Datasheet HTML 2Page - Belden Inc. 57771 Datasheet HTML 3Page - Belden Inc. 57771 Datasheet HTML 4Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Insulated Wire Diameter:
ø 2.60 ± 0.05 mm
Overall Shield (Cable):
Cu-ETP1 tinned
Foil shield:
Al-PT Foil
Ambient Temperature (Fixed
Installation):
- 50 °C - + 80 °C
Ambient Temperature (Flex
Installation):
- 25 °C - + 80 °C
Ambient Temperature (Drag
Chain Inst):
- 25 °C - + 60 °C
UL Cable Type:
AWM: 20549
Flammability Class (Cable
Jacket):
DIN EN 60332-2-2, VDE 0482-332-2-2, IEC 60332-2-2, CSA FT-2, flame-retardant
Cable Characteristics:
Exclusion of dangerous materials; Line fulfills the transmission values RS485 (Type A) of the PROFIBUS user organization; Free of lacquer wetting disturbing substances; Good
microbes and hydrolysis resistance Mainly plasticizer diffusion free; Good chemical and oil resistance; Exclusion of PVC and Silicone; Coldness flexibility
Core Colors:
red, green
Technical Data Side 2
Product Sub Family, Side 2:
M12 Standard
Type of Contact / Gender,
Side 2:
Female
Connector Design, Side 2:
Straight
Attachment Type, Side 2:
Coupling Nut
Number of Pins, Side 2:
5
Coding, Side 2:
B
Contact Resistance, Side 2:
≤ 10 mOhm
Insulation Resistance, Side 2:
˃ 10^9 Ohm
Mating Cycles, Side 2:
≤ 100
Ambient Temperature
(Operation), Side 2*:
- 25 °C - + 80 °C
Protection Degree / IP Rating,
Side 2**:
IP65, IP67
Design Standard, Side 2:
IEC 61076-2-101
Pollution Degree, Side 2:
3 acc. to DIN EN 60664-1 (VDE 0110-1)
Overvoltage Category, Side 2: III acc. to DIN EN 60664-1 (VDE 0110-1)
Contact Base Material, Side 2: CuZn
Contact Plating, Side 2:
Cu/Au
Contact Bearer Material, Side
2:
TPU
Contact Bearer Color, Side 2:
Violett
Flammability Class (Contact
Bearer), Side 2:
UL 94 HB
Molded Body Material, Side 2: TPU
Molded Body Color, Side 2:
Black
Flammability Class (Molded
Body), Side 2:
UL 94 HB
Attachment Material, Side 2:
CuZn
Attachment Plating, Side 2:
Nickel-plated
Shielding Material, Side 2:
CuZn, tin-plated
Fastening Torque
(Attachment), Side 2:
M 12x1: (50-60) Ncm, hand-tight
Safety & Environmental Compliance
RoHS Compliant:
yes
Resistances
Halogenfree:
DIN EN 50267-2-1, IEC 60754-1, VDE 0482-267-2-1
Notes
Protection Degree / IP Rating
Note:
** only if mounted and locked in combination with Hirschmann / Lumberg Automation connector.
Note Derating:
Notice derating
History



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com