Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20122 Datasheet(PDF) 1 Page - Belden Inc.

Part # 20122
Description  Gigabit Ethernet Cat7 Data Single-Ended Cordset
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

20122 Datasheet(HTML) 1 Page - Belden Inc.

  20122 Datasheet HTML 1Page - Belden Inc. 20122 Datasheet HTML 2Page - Belden Inc. 20122 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: RSTS 8X-S478
Gigabit Ethernet Cat7 Data Single-Ended Cordset: M12 Standard, male,
straight, 8-pin, X-coded, shielded, black body, 50 V AC / 60 V DC, 0.5 A; TPE
blue cable, 8-wires, 4x2x0.14 mm²
Product Description
Gigabit Ethernet Cat7 Data Single-Ended Cordset: M12 Standard, male, straight, 8-pin, X-coded, shielded, black body, 50 V AC / 60 V DC, 0.5 A; TPE blue
cable, 8-wires, 4x2x0.14 mm²
Technical Drawing
Technical Specifications
Face View
Pin 1
Pin 2
Pin 3
Pin 4
Pin 5
Pin 6
Pin 7
Pin 8
white (orange) orange white (green) green white (brown) brown white (blue) blue
Technical Data
Product Family:
Data Connectors
Product Sub Family:
M12 Standard
Brand:
Lumberg Automation
Connector Type:
Cordset, single ended
Type of Contact / Gender:
Male
Connector Design:
Straight
Number of Pins:
8
Coding:
X
Shielding:
Shielded
Attachment Type:
Coupling Screw
Rated Voltage:
60 V
Rated Impulse Voltage:
0.8 kV
Operating Voltage:
50 V AC / 60 V DC
Rated Current*:
0.5 A
Data Transmission:
Gigabit Ethernet Cat7
Data Transmission Rate:
10 Gbit/s


Similar Part No. - 20122

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
20122006 PHOENIX-20122006 Datasheet
58Kb / 3P
Test adapter - PAIS-4-P/P GY
09/12/2020
More results

Similar Description - 20122

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IP1000ALF ETC2-IP1000ALF Datasheet
1Mb / 75P
Gigabit Ethernet NIC Single Chip
logo
Protech Systems Co., Lt...
PSB-873LF PROTECHSYSTEMS-PSB-873LF Datasheet
699Kb / 2P
Supports Single Gigabit Ethernet
logo
AAEON Technology
COM-KB AAEON-COM-KB Datasheet
299Kb / 2P
gigabit ethernet
COM-QM87 AAEON-COM-QM87 Datasheet
320Kb / 2P
gigabit ethernet
GENE-BSW5 AAEON-GENE-BSW5 Datasheet
279Kb / 2P
gigabit ethernet
GENE-BT05 AAEON-GENE-BT05 Datasheet
318Kb / 2P
gigabit ethernet
EMB-B75A AAEON-EMB-B75A Datasheet
354Kb / 2P
gigabit ethernet
EMB-QM77 AAEON-EMB-QM77 Datasheet
339Kb / 2P
gigabit ethernet
FWS-7400 AAEON-FWS-7400 Datasheet
248Kb / 2P
gigabit ethernet
AEC-6612 AAEON-AEC-6612 Datasheet
252Kb / 2P
gigabit ethernet
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com