Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20122 Datasheet(PDF) 2 Page - Belden Inc.

Part # 20122
Description  Gigabit Ethernet Cat7 Data Single-Ended Cordset
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

20122 Datasheet(HTML) 2 Page - Belden Inc.

  20122 Datasheet HTML 1Page - Belden Inc. 20122 Datasheet HTML 2Page - Belden Inc. 20122 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Contact Resistance:
≤ 10 mOhm
Insulation Resistance:
˃ 10^9 Ohm
Mating Cycles:
≤ 100
Ambient Temperature (Operation)*:
- 40 °C - + 80 °C
Protection Degree / IP Rating**:
IP65, IP67
Design Standard:
IEC 61076-2-109
Pollution Degree:
3 acc. to DIN EN 60664-1 (VDE 0110-1)
Overvoltage Category:
II acc. to DIN EN 60664-1 (VDE 0110-1)
Materials
Contact Base Material:
CuZn
Contact Plating:
Cu/Au
Contact Bearer Material:
PA
Contact Bearer Color:
Black
Flammability Class (Contact Bearer):
UL 94 V-0
Molded Body Material:
PA
Molded Body Color:
Black
Flammability Class (Molded Body):
UL 94 V-0
Attachment Material:
CuZn
Attachment Plating:
Nickel-plated
Shielding Material:
GD-Zn, nickel-plated
Additional Technical Data
Fastening Torque (Attachment):
M 12x1: (50-60) Ncm, hand-tight
Cable Data
Cable Number:
S478
Conductor Size:
4x2x0.14 mm²
Number of Wires:
8
Minimal Bending Radius (Fixed Inst):
˃ 30 mm
Minimal Bending Radius (Flexible Inst):
˃ 65 mm
Welding Resistance:
spark weld resistant
Conductor material:
Stranded PACW
Cable Jacket Material:
TPE
Cable Jacket Color:
blue
Cable Diameter D:
ø 6.8 ± 0.2 mm
Wire Insulation Material:
PE
Insulated Wire Diameter:
ø 1.05 mm
Overall Shield (Cable):
Cu-ETP1 tinned
Foil shield:
Al-PT Foil
Ambient Temperature (Fixed Installation): - 40 °C - + 80 °C
Ambient Temperature (Flex Installation):
-15 °C - + 60 °C
Flammability Class (Cable Jacket):
IEC 60332-1-2
Cable Characteristics:
Exclusion of dangerous materials
Core Colors:
Twisted pairs: white & blue, white & orange, white & green, white & brown
Safety & Environmental Compliance
RoHS Compliant:
yes
Resistances
Oil Resistance:
IEC 60811-2-1
Notes
Note Derating:
Notice derating
Protection Degree / IP Rating Note:
** only if mounted and locked in combination with Hirschmann / Lumberg Automation connector.
Note:
Do not connect or disconnect under load.
Variants



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com