Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN25B40-75VIP Datasheet(PDF) 33 Page - Eon Silicon Solution Inc.

Part # EN25B40-75VIP
Description  4 Mbit Serial Flash Memory with Boot and Parameter Sectors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25B40-75VIP Datasheet(HTML) 33 Page - Eon Silicon Solution Inc.

Back Button EN25B40-75VIP Datasheet HTML 28Page - Eon Silicon Solution Inc. EN25B40-75VIP Datasheet HTML 29Page - Eon Silicon Solution Inc. EN25B40-75VIP Datasheet HTML 30Page - Eon Silicon Solution Inc. EN25B40-75VIP Datasheet HTML 31Page - Eon Silicon Solution Inc. EN25B40-75VIP Datasheet HTML 32Page - Eon Silicon Solution Inc. EN25B40-75VIP Datasheet HTML 33Page - Eon Silicon Solution Inc. EN25B40-75VIP Datasheet HTML 34Page - Eon Silicon Solution Inc. EN25B40-75VIP Datasheet HTML 35Page - Eon Silicon Solution Inc. EN25B40-75VIP Datasheet HTML 36Page - Eon Silicon Solution Inc.  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
33
EN25B40
Rev. E, Issue Date: 2007/5/3
MIN.
NOR
MAX
A
- - -
- - -
0.210
A1
0.015
- - -
- - -
A2
0.125
0.130
0.135
D
0.355
0.365
0.400
E
0.300
0.310
0.320
E1
0.245
0.250
0.255
L
0.115
0.130
0.150
eB
0.310
0.350
0.375
Θ
0
07
15
SYMBOL
DIMENSION IN INCH
ORDERING INFORMATION
EN25B40
T
-
50
G
C
P
PACKAGING CONTENT
(Blank) = Conventional
P = RoHS compliant
TEMPERATURE RANGE
C = Commercial (0°C to +70°C)
I = Industrial (-40°C to +85°C)
PACKAGE
G = 8-pin 150mil SOP
H = 8-pin 200mil SOP
V = 8-pin VDFN
Q = 8-pin PDIP
SPEED
75 = 75 Mhz
50 = 50 Mhz
BOOT CODE SECTOR ARCHITECTURE
T = Top Sector
(Blank) = Bottom Sector
BASE PART NUMBER
EN = Eon Silicon Solution Inc.
25B = 3V Serial FLASH with boot sectors
40 = 4 Megabit (512K x 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com