Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN25B40-75VIP Datasheet(PDF) 4 Page - Eon Silicon Solution Inc.

Part # EN25B40-75VIP
Description  4 Mbit Serial Flash Memory with Boot and Parameter Sectors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25B40-75VIP Datasheet(HTML) 4 Page - Eon Silicon Solution Inc.

  EN25B40-75VIP Datasheet HTML 1Page - Eon Silicon Solution Inc. EN25B40-75VIP Datasheet HTML 2Page - Eon Silicon Solution Inc. EN25B40-75VIP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN25B40-75VIP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25B40-75VIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25B40-75VIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25B40-75VIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25B40-75VIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25B40-75VIP Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
4
EN25B40
Rev. E, Issue Date: 2007/5/3
MEMORY ORGANIZATION
The memory is organized as:
524,288 bytes
Flexible Sector Architecture
Two 4-Kbyte, one 8-Kbyte, one 16-Kbyte,one 32-Kbyte, and seven 64-Kbyte sectors
Bottom or top boot configurations
2048 pages (256 bytes each)
Each page can be individually programmed (bits are programmed from 1 to 0). The device is Sector or
Bulk Erasable but not Page Erasable.
Table 2a. Bottom Boot Block Sector Architecture
Sector
SECTOR SIZE (KByte)
Address range
11
64
70000h – 7FFFFh
10
64
60000h – 6FFFFh
9
64
50000h – 5FFFFh
8
64
40000h – 4FFFFh
7
64
30000h – 3FFFFh
6
64
20000h – 2FFFFh
5
64
10000h – 1FFFFh
4
32
08000h – 0FFFFh
3
16
04000h – 07FFFh
2
8
02000h – 03FFFh
1
4
01000h – 01FFFh
0
4
00000h – 00FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com