Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN25B05-75VIP Datasheet(PDF) 21 Page - Eon Silicon Solution Inc.

Part # EN25B05-75VIP
Description  512 Kbit Serial Flash Memory with Boot and Parameter Sectors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25B05-75VIP Datasheet(HTML) 21 Page - Eon Silicon Solution Inc.

Back Button EN25B05-75VIP Datasheet HTML 17Page - Eon Silicon Solution Inc. EN25B05-75VIP Datasheet HTML 18Page - Eon Silicon Solution Inc. EN25B05-75VIP Datasheet HTML 19Page - Eon Silicon Solution Inc. EN25B05-75VIP Datasheet HTML 20Page - Eon Silicon Solution Inc. EN25B05-75VIP Datasheet HTML 21Page - Eon Silicon Solution Inc. EN25B05-75VIP Datasheet HTML 22Page - Eon Silicon Solution Inc. EN25B05-75VIP Datasheet HTML 23Page - Eon Silicon Solution Inc. EN25B05-75VIP Datasheet HTML 24Page - Eon Silicon Solution Inc. EN25B05-75VIP Datasheet HTML 25Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
21
EN25B05
Rev. B, Issue Date: 2006/12/26
Table 8. DC Characteristics
(Ta = 0°C to 70°C or - 40°C to 85°C; VCC = 2.7-3.6V)
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
ILI
Input Leakage Current
± 2
µA
ILO
Output Leakage Current
± 2
µA
ICC1
Standby Current
CS# = VCC, VIN = VSS or VCC
10
µA
ICC2
Deep Power-down Current
CS# = VCC, VIN = VSS or VCC
10
µA
CLK = 0.1 VCC / 0.9 VCC at
75MHz, Q = open
20
mA
CLK = 0.1 VCC / 0.9 VCC at
50MHz, Q = open
15
mA
ICC3
Operating Current (READ)
CLK = 0.1 VCC / 0.9 VCC at
33MHz, Q = open
12
mA
ICC4
Operating Current (PP)
CS# = VCC
15
mA
ICC5
Operating Current (WRSR)
CS# = VCC
15
mA
ICC6
Operating Current (SE)
CS# = VCC
15
mA
ICC7
Operating Current (BE)
CS# = VCC
15
mA
VIL
Input Low Voltage
– 0.5
0.3 VCC
V
VIH
Input High Voltage
0.7VCC
VCC+0.4
V
VOL
Output Low Voltage
IOL = 1.6 mA
0.4
V
VOH
Output High Voltage
IOH = –100 µA
VCC-0.2
V
Table 9. AC Measurement Conditions
Symbol
Parameter
Min.
Max.
Unit
CL
Load Capacitance
30
pF
Input Rise and Fall Times
5
ns
Input Pulse Voltages
0.2
VCC to 0.8VCC
V
Input Timing Reference Voltages
0.3
VCC to 0.7VCC
V
Output Timing Reference Voltages
VCC / 2
V
Figure 20. AC Measurement I/O Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com