Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN25B05-75VIP Datasheet(PDF) 13 Page - Eon Silicon Solution Inc.

Part # EN25B05-75VIP
Description  512 Kbit Serial Flash Memory with Boot and Parameter Sectors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25B05-75VIP Datasheet(HTML) 13 Page - Eon Silicon Solution Inc.

Back Button EN25B05-75VIP Datasheet HTML 9Page - Eon Silicon Solution Inc. EN25B05-75VIP Datasheet HTML 10Page - Eon Silicon Solution Inc. EN25B05-75VIP Datasheet HTML 11Page - Eon Silicon Solution Inc. EN25B05-75VIP Datasheet HTML 12Page - Eon Silicon Solution Inc. EN25B05-75VIP Datasheet HTML 13Page - Eon Silicon Solution Inc. EN25B05-75VIP Datasheet HTML 14Page - Eon Silicon Solution Inc. EN25B05-75VIP Datasheet HTML 15Page - Eon Silicon Solution Inc. EN25B05-75VIP Datasheet HTML 16Page - Eon Silicon Solution Inc. EN25B05-75VIP Datasheet HTML 17Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
13
EN25B05
Rev. B, Issue Date: 2006/12/26
Read Data Bytes at Higher Speed (FAST_READ) (0Bh)
The device is first selected by driving Chip Select (CS#) Low. The instruction code for the Read Data
Bytes at Higher Speed (FAST_READ) instruction is followed by a 3-byte address (A23-A0) and a dummy
byte, each bit being latched-in during the rising edge of Serial Clock (CLK). Then the memory contents, at
that address, is shifted out on Serial Data Output (DO), each bit being shifted out, at a maximum
frequency FR, during the falling edge of Serial Clock (CLK).
The instruction sequence is shown in Figure 10.. The first byte addressed can be at any location. The
address is automatically incremented to the next higher address after each byte of data is shifted out. The
whole memory can, therefore, be read with a single Read Data Bytes at Higher Speed (FAST_READ)
instruction. When the highest address is reached, the address counter rolls over to 000000h, allowing the
read sequence to be continued indefinitely.
The Read Data Bytes at Higher Speed (FAST_READ) instruction is terminated by driving Chip Select
(CS#) High. Chip Select (CS#) can be driven High at any time during data output. Any Read Data Bytes at
Higher Speed (FAST_READ) instruction, while an Erase, Program or Write cycle is in progress, is
rejected without having any effects on the cycle that is in progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com