Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN25F40-75VIP Datasheet(PDF) 19 Page - Eon Silicon Solution Inc.

Part # EN25F40-75VIP
Description  4 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25F40-75VIP Datasheet(HTML) 19 Page - Eon Silicon Solution Inc.

Back Button EN25F40-75VIP Datasheet HTML 15Page - Eon Silicon Solution Inc. EN25F40-75VIP Datasheet HTML 16Page - Eon Silicon Solution Inc. EN25F40-75VIP Datasheet HTML 17Page - Eon Silicon Solution Inc. EN25F40-75VIP Datasheet HTML 18Page - Eon Silicon Solution Inc. EN25F40-75VIP Datasheet HTML 19Page - Eon Silicon Solution Inc. EN25F40-75VIP Datasheet HTML 20Page - Eon Silicon Solution Inc. EN25F40-75VIP Datasheet HTML 21Page - Eon Silicon Solution Inc. EN25F40-75VIP Datasheet HTML 22Page - Eon Silicon Solution Inc. EN25F40-75VIP Datasheet HTML 23Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
19
EN25F40
Rev. B, Issue Date: 2007/05/09
Read Manufacturer / Device ID (90h)
The Read Manufacturer/Device ID instruction is an alternative to the Release from Power-down / Device
ID instruction that provides both the JEDEC assigned manufacturer ID and the specific device ID.
The Read Manufacturer/Device ID instruction is very similar to the Release from Power-down / Device ID
instruction. The instruction is initiated by driving the CS# pin low and shifting the instruction code “90h”
followed by a 24-bit address (A23-A0) of 000000h. After which, the Manufacturer ID for Eon (1Ch) and the
Device ID are shifted out on the falling edge of CLK with most significant bit (MSB) first as shown in Figure
17. The Device ID values for the EN25F40 are listed in Table 5. If the 24-bit address is initially set to
000001h the Device ID will be read first
Figure 18. Read Manufacturer / Device ID Diagram
Read Identification (RDID)(9Fh)
The Read Identification (RDID) instruction allows the 8-bit manufacturer identification to be read, followed
by two bytes of device identification. The device identification indicates the memory type in the first byte ,
and the memory capacity of the device in the second byte .
Any Read Identification (RDID) instruction while an Erase or Program cycle is in progress, is not decoded,
and has no effect on the cycle that is in progress. The Read Identification (RDID) instruction should not be
issued while the device is in Deep Power down mode.
The device is first selected by driving Chip Select Low. Then, the 8-bit instruction code for the instruction
is shifted in. This is followed by the 24-bit device identification, stored in the memory, being shifted out on
Serial Data Output , each bit being shifted out during the falling edge of Serial Clock . The instruction
sequence is shown in Figure 19. The Read Identification (RDID) instruction is terminated by driving Chip
Select High at any time during data output.
When Chip Select is driven High, the device is put in the Standby Power mode. Once in the Standby
Power mode, the device waits to be selected, so that it can receive, decode and execute instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com