Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN25F40-75VIP Datasheet(PDF) 33 Page - Eon Silicon Solution Inc.

Part # EN25F40-75VIP
Description  4 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25F40-75VIP Datasheet(HTML) 33 Page - Eon Silicon Solution Inc.

Back Button EN25F40-75VIP Datasheet HTML 25Page - Eon Silicon Solution Inc. EN25F40-75VIP Datasheet HTML 26Page - Eon Silicon Solution Inc. EN25F40-75VIP Datasheet HTML 27Page - Eon Silicon Solution Inc. EN25F40-75VIP Datasheet HTML 28Page - Eon Silicon Solution Inc. EN25F40-75VIP Datasheet HTML 29Page - Eon Silicon Solution Inc. EN25F40-75VIP Datasheet HTML 30Page - Eon Silicon Solution Inc. EN25F40-75VIP Datasheet HTML 31Page - Eon Silicon Solution Inc. EN25F40-75VIP Datasheet HTML 32Page - Eon Silicon Solution Inc. EN25F40-75VIP Datasheet HTML 33Page - Eon Silicon Solution Inc.  
Zoom Inzoom in Zoom Outzoom out
 33 / 33 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
33
EN25F40
Rev. B, Issue Date: 2007/05/09
Revisions List
Revision No Description
Date
A
Initial release
2007/01/19
B
1.
Add 8 Lead PDIP in Figure 1. Connection Diagram in page
2
2.
Change Table 7. Write Inhibit Voltage (Max) from 2V to 2.5V
in page 21
3.
Change Table 8. DC Characteristics VIL Max 0.3 VCC to 0.2
VCC in page 22
4. Change Table 10. 100MHz AC Characteristics tCLQV from 6
ns to 8 ns in page 23
2007/05/09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com