Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN25P16-75VIP Datasheet(PDF) 32 Page - Eon Silicon Solution Inc.

Part # EN25P16-75VIP
Description  16 Mbit Uniform Sector, Serial Flash Memory
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25P16-75VIP Datasheet(HTML) 32 Page - Eon Silicon Solution Inc.

Back Button EN25P16-75VIP Datasheet HTML 24Page - Eon Silicon Solution Inc. EN25P16-75VIP Datasheet HTML 25Page - Eon Silicon Solution Inc. EN25P16-75VIP Datasheet HTML 26Page - Eon Silicon Solution Inc. EN25P16-75VIP Datasheet HTML 27Page - Eon Silicon Solution Inc. EN25P16-75VIP Datasheet HTML 28Page - Eon Silicon Solution Inc. EN25P16-75VIP Datasheet HTML 29Page - Eon Silicon Solution Inc. EN25P16-75VIP Datasheet HTML 30Page - Eon Silicon Solution Inc. EN25P16-75VIP Datasheet HTML 31Page - Eon Silicon Solution Inc. EN25P16-75VIP Datasheet HTML 32Page - Eon Silicon Solution Inc.  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
32
EN25P16
Rev. C, Issue Date: 2006/12/25
Revisions List
Revision No Description
Date
A
Initial release
2006/05/25
B
1. Add 16 pin SOP 300mil body width for package options in
page 1
2. Add 16 pin SOP 300mil diagram in Figure 1
3. Add INSTRUCTIONS description in page 9
4. Add figure 26 of SOP 300mil package
5. Add 16 pin SOP package option ‘F’ to ordering info
2006/08/08
C
1. Change clock rate from 50MHz to 75MHz,
Page program time 1.4 ms typical to 1.5 ms typical
Sector erase time 300 ms typical to 800 ms
Chip erase time 10 seconds to 18 seconds typical
in page 1
2. Change Table 8 DC Characteristics in page 22
(1) Add ICC3 for 75MHz
3. Change Table 10 to 75MHz AC Characteristics in page 23
(1) Change F
R from 50 to 75MHz
(2) Change f
R from 33 to 50MHz
(3) Change t
CLH from 9ns to 6ns
(4) Change t
CLL from 9ns to 6ns
(5) Change t
SHQZ from 9ns to 6ns
(6) Change t
HLQZ from 9ns to 6ns
(7) Change t
HHQZ from 9ns to 6ns
(8) Change t
CLQV from 9ns to 6ns
(9) Change Page program time 1.4ms typical to 1.5ms
(10) Change Sector erase time 0.3 / 0.6 seconds to 0.8 / 2
seconds for typical and maximum
(11)Change Chip erase time 10 / 20 seconds to 18 / 35
seconds for typical and maximum
4. Add Table 11: 50MHz AC Characteristics in page 24
(1) Change Page program time 1.4ms typical to 1.5ms
(2) Change Sector erase time 0.3 / 0.6 seconds to 0.8 / 2
seconds for typical and maximum
(3) Change Chip erase time 10 / 20 seconds to 18 / 35
seconds for typical and maximum
5. Add 75MHz option in Ordering Information in page 31
6. Change Table 8. DC Characteristics V
IL Max 0.3 VCC to 0.2
VCC in page 22
2006/12/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com