Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN25P16-75VIP Datasheet(PDF) 10 Page - Eon Silicon Solution Inc.

Part # EN25P16-75VIP
Description  16 Mbit Uniform Sector, Serial Flash Memory
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25P16-75VIP Datasheet(HTML) 10 Page - Eon Silicon Solution Inc.

Back Button EN25P16-75VIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25P16-75VIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25P16-75VIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25P16-75VIP Datasheet HTML 9Page - Eon Silicon Solution Inc. EN25P16-75VIP Datasheet HTML 10Page - Eon Silicon Solution Inc. EN25P16-75VIP Datasheet HTML 11Page - Eon Silicon Solution Inc. EN25P16-75VIP Datasheet HTML 12Page - Eon Silicon Solution Inc. EN25P16-75VIP Datasheet HTML 13Page - Eon Silicon Solution Inc. EN25P16-75VIP Datasheet HTML 14Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
10
EN25P16
Rev. C, Issue Date: 2006/12/25
Write Enable (WREN) (06h)
The Write Enable (WREN) instruction (Figure 5) sets the Write Enable Latch (WEL) bit. The Write Enable
Latch (WEL) bit must be set prior to every Page Program (PP), Sector Erase (SE), Bulk Erase (BE) and
Write Status Register (WRSR) instruction.
The Write Enable (WREN) instruction is entered by driving Chip Select (CS#) Low, sending the instruction
code, and then driving Chip Select (CS#) High.
Write Disable (WRDI) (04h)
The Write Disable instruction (Figure 6) resets the Write Enable Latch (WEL) bit in the Status Register to
a 0. The Write Disable instruction is entered by driving Chip Select (CS#) low, shifting the instruction code
“04h” into the DI pin and then driving Chip Select (CS#) high. Note that the WEL bit is automatically reset
after Power-up and upon completion of the Write Status Register, Page Program, Sector Erase, and Bulk
Erase instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com