Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN25B80-75VIP Datasheet(PDF) 33 Page - Eon Silicon Solution Inc.

Part # EN25B80-75VIP
Description  8 Mbit Serial Flash Memory with Boot and Parameter Sectors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25B80-75VIP Datasheet(HTML) 33 Page - Eon Silicon Solution Inc.

Back Button EN25B80-75VIP Datasheet HTML 25Page - Eon Silicon Solution Inc. EN25B80-75VIP Datasheet HTML 26Page - Eon Silicon Solution Inc. EN25B80-75VIP Datasheet HTML 27Page - Eon Silicon Solution Inc. EN25B80-75VIP Datasheet HTML 28Page - Eon Silicon Solution Inc. EN25B80-75VIP Datasheet HTML 29Page - Eon Silicon Solution Inc. EN25B80-75VIP Datasheet HTML 30Page - Eon Silicon Solution Inc. EN25B80-75VIP Datasheet HTML 31Page - Eon Silicon Solution Inc. EN25B80-75VIP Datasheet HTML 32Page - Eon Silicon Solution Inc. EN25B80-75VIP Datasheet HTML 33Page - Eon Silicon Solution Inc.  
Zoom Inzoom in Zoom Outzoom out
 33 / 33 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
33
EN25B80
Rev. C, Issue Date: 2006/12/25
Revisions List
Revision No Description
Date
A
Initial release
2006/04/26
B
1. Change clock rate from 50MHz to 75MHz in page 1
2. Add INSTRUCTIONS description in page 9
3. Change Table 8 DC Characteristics in page 23
(1) Add ICC3 for 75MHz
(2) Change ICC1, ICC2 from 10µA to 20µA
4. Change Table 10 to 75MHz AC Characteristics in page 24
(1) Change F
R from 50 to 75MHz
(2) Change f
R from 33 to 50MHz
(3) Change t
CLH from 9ns to 6ns
(4) Change t
CLL from 9ns to 6ns
(5) Change t
SHQZ from 9ns to 6ns
(6) Change t
HLQZ from 9ns to 6ns
(7) Change t
HHQZ from 9ns to 6ns
(8) Change t
CLQV from 9ns to 6ns
(9) Restore CS# Active Setup Time from 2ns to 5ns
(10)Change Data In Setup Time from 5ns to 2ns
5. Add Table 11: 50MHz AC Characteristics in page 25
6. Add 75MHz option in Ordering Information, page 31
2006/08/29
C
1.
Change Page program time 1.4 ms typical to 1.5 ms typical
Sector erase time 100 to 300 ms typical to 300 to 800 ms
Chip erase time 5 seconds to 10 seconds typical
Add 8 pin PDIP for package options in page 1
2.
Change Table 10 : 75MHz AC Characteristics in page 24
(1) Change Page program time 1.4ms typical to 1.5ms
(2) Change 64KB Sector erase time 0.3 / 0.6 seconds to
0.8 / 2 seconds for typical and maximum
(3) Change 16KB Sector erase time 0.15 / 0.3 seconds to
0.5 / 1 seconds for typical and maximum
(4) Change 4KB Sector erase time 0.1 / 0.2 seconds to
0.3 / 0.6 seconds for typical and maximum
(5) Change Chip erase time 5 / 10 seconds to 10 / 20
seconds for typical and maximum
3. Change Table 11 : 50MHz AC Characteristics in page 25
(1) Change Page program time 1.4ms typical to 1.5ms
(2) Change 64KB Sector erase time 0.3 / 0.6 seconds to
0.8 / 2 seconds for typical and maximum
(3) Change 16KB Sector erase time 0.15 / 0.3 seconds to
0.5 / 1 seconds for typical and maximum
(4) Change 4KB Sector erase time 0.1 / 0.2 seconds to
0.3 / 0.6 seconds for typical and maximum
(5) Change Chip erase time 5 / 10 seconds to 10 / 20
seconds for typical and maximum
4. Add 8-pin PDIP in Package Mechanical in page 31
5. Add 8 pin PDIP package option ‘Q’ and 75MHz option to
ordering information in page 32
2006/12/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com