Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN25B80-75VIP Datasheet(PDF) 5 Page - Eon Silicon Solution Inc.

Part # EN25B80-75VIP
Description  8 Mbit Serial Flash Memory with Boot and Parameter Sectors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25B80-75VIP Datasheet(HTML) 5 Page - Eon Silicon Solution Inc.

  EN25B80-75VIP Datasheet HTML 1Page - Eon Silicon Solution Inc. EN25B80-75VIP Datasheet HTML 2Page - Eon Silicon Solution Inc. EN25B80-75VIP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN25B80-75VIP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25B80-75VIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25B80-75VIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25B80-75VIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25B80-75VIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25B80-75VIP Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
5
EN25B80
Rev. C, Issue Date: 2006/12/25
Table 2b. Top Boot Block Sector Architecture (Special order)
Sector
SECTOR SIZE (KByte)
Address range
19
4
FF000h – FFFFFh
18
4
FE000h – FEFFFh
17
8
FC000h – FDFFFh
16
16
F8000h – FBFFFh
15
32
F0000h – F7FFFh
14
64
E0000h – EFFFFh
13
64
D0000h – DFFFFh
12
64
C0000h – CFFFFh
11
64
B0000h – BFFFFh
10
64
A0000h – AFFFFh
9
64
90000h – 9FFFFh
8
64
80000h – 8FFFFh
7
64
70000h – 7FFFFh
6
64
60000h – 6FFFFh
5
64
50000h – 5FFFFh
4
64
40000h – 4FFFFh
3
64
30000h – 3FFFFh
2
64
20000h – 2FFFFh
1
64
10000h – 1FFFFh
0
64
00000h – 0FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com