Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0985YM57530-R500 Datasheet(PDF) 1 Page - Belden Inc.

Part # 0985YM57530-R500
Description  Fast Ethernet Cat5e, double-ended cord set
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

0985YM57530-R500 Datasheet(HTML) 1 Page - Belden Inc.

  0985YM57530-R500 Datasheet HTML 1Page - Belden Inc. 0985YM57530-R500 Datasheet HTML 2Page - Belden Inc. 0985YM57530-R500 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: 0985 YM57530-R 500
Fast Ethernet Cat5e, double-ended cord set, RJ45 male, straight, 8-pin to a
RJ45 male, straight, 8-pin, 24 AWG TPE cable, stranded/shielded, 2 twisted
bonded pairs with red jacket
Product Description
Fast Ethernet Cat5e, double-ended cord set, RJ45 male, straight, 8-pin to a RJ45 male, straight, 8-pin, 24 AWG TPE cable, stranded/shielded, 2 twisted
bonded pairs with red jacket
Technical Drawing
Technical Specifications
Product Description
Product Family:
Data Connectors
Brand:
Lumberg Automation
Connector Type:
Cordset, double ended
Shielding:
Shielded
Rated Voltage:
42 V
Rated Impulse Voltage:
1.5 kV
Operating Voltage:
30 V AC/ 42 V DC
Rated Current*:
1.5 A
Data Transmission:
Fast Ethernet Cat5e
Data Transmission Rate:
100 Mbit/s
Technical Data Side 1
Product Sub Family:
RJ45
Type of Contact / Gender:
Male
Connector Design:
Straight
Attachment Type:
Plug
Number of Pins:
8 (4 terminated)


Similar Part No. - 0985YM57530-R500

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
0985YM57530-R100 BELDEN-0985YM57530-R100 Datasheet
462Kb / 4P
Fast Ethernet Cat5e, double-ended cord set
04-25-2023
More results

Similar Description - 0985YM57530-R500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSXCUSB485 ETC2-TSXCUSB485 Datasheet
46Kb / 1P
connection cord set for PC terminal
990NAA26320 ETC2-990NAA26320 Datasheet
37Kb / 1P
connection cord set for PC terminal
C501108025 ETC2-C501108025 Datasheet
111Kb / 3P
Cable Assemblies - CAT5E Modular Cord
logo
Belden Inc.
E500001 BELDEN-E500001 Datasheet
250Kb / 2P
Cord Sets, DataTuff짰 Cat 5e IP67 RJ45 Cord Set, 1m
E501001 BELDEN-E501001 Datasheet
236Kb / 2P
Cord Sets, DataTuff짰 Cat 5e IP20 RJ45 Cord Set, 1m
E502001 BELDEN-E502001 Datasheet
250Kb / 2P
Cord Sets, DataTuff짰 Cat 5e IP67 RJ45 Cord Set, 1m
E503001 BELDEN-E503001 Datasheet
236Kb / 2P
Cord Sets, DataTuff짰 Cat 5e IP20 RJ45 Cord Set, 1m
E506001 BELDEN-E506001 Datasheet
250Kb / 2P
Cord Sets, DataTuff짰 Cat 5e IP67 RJ45 Cord Set, 1m
E600001 BELDEN-E600001 Datasheet
235Kb / 1P
Cord Sets, DataTuff짰 Cat 6 IP67 RJ45 Cord Set, 1m
logo
Molex Electronics Ltd.
1201080267 MOLEX-1201080267 Datasheet
24Kb / 1P
Industrial Ethernet Double-Ended RJ-45 Cordset, Male (Straight) to Male
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com