Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0985YM57530-R500 Datasheet(PDF) 2 Page - Belden Inc.

Part # 0985YM57530-R500
Description  Fast Ethernet Cat5e, double-ended cord set
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

0985YM57530-R500 Datasheet(HTML) 2 Page - Belden Inc.

  0985YM57530-R500 Datasheet HTML 1Page - Belden Inc. 0985YM57530-R500 Datasheet HTML 2Page - Belden Inc. 0985YM57530-R500 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Coding:
RJ45
Mating Cycles:
≤ 750
Ambient Temperature (Operation)*:
- 40 °C - + 70 °C
Protection Degree / IP Rating**:
IP20
Contact Base Material:
P / CuSN
Contact Plating:
Au
Contact Bearer Material:
Polycarbonate
Contact Bearer Color:
Clear
Molded Body Material:
Elastomer Polyolefin
Molded Body Color:
Black
Cable Data
Cable Number:
YM5753-R
Conductor Size:
24 AWG
Number of Wires:
2 Pair (bonded twisted pairs)
Minimal Bending Radius (Fixed Inst):
5 x D
Minimal Bending Radius (Flexible Inst):
10 x D
Cycles (Bending):
3
Cycles (Torsion):
˃ 5 M @ ± 360 °/1 m
Cable Jacket Material:
TPE
Cable Jacket Color:
Red
Cable Diameter D:
ø 7.62 mm
Wire Insulation Material:
Polyolefin
Insulated Wire Diameter:
ø 1.02 ± 0.05 mm
Overall Shield (Cable):
TC Braid 65%
Foil shield:
Al Foil 100%
Ambient Temperature (Fixed Installation):
- 40 °C - + 75 °C
Ambient Temperature (Flex Installation):
- 25 °C - + 75 °C
Ambient Temperature (Drag Chain Inst):
- 25 °C - + 60 °C
UL Cable Type:
AWM 20626, 80C 600 V
Cable Characteristics:
NEMA WC-63.1 Category 5, ICEA 661, Category 5e Patch, TIA/EI-568-B.2, Category 5e, Indoor/Outdoor Yes, Oil Res
Core Colors:
Bonded Twisted pairs: wh/or | wh/gn
Technical Data Side 2
Product Sub Family, Side 2:
RJ45
Type of Contact / Gender, Side 2:
Male
Connector Design, Side 2:
Straight
Attachment Type, Side 2:
Plug
Number of Pins, Side 2:
8 (4 terminated)
Coding, Side 2:
RJ45
Mating Cycles, Side 2:
≤ 750
Ambient Temperature (Operation), Side 2*: - 40 °C - + 70 °C
Protection Degree / IP Rating, Side 2**:
IP20
Contact Base Material, Side 2:
P / CuSN
Contact Plating, Side 2:
Au
Contact Bearer Material, Side 2:
Polycarbonate
Contact Bearer Color, Side 2:
Clear
Molded Body Material, Side 2:
Elastomer Polyolefin
Molded Body Color, Side 2:
Black
Safety & Environmental Compliance
RoHS Compliant:
Yes
Resistances
Oil Resistance:
Yes
Notes



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com