Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT9814 Datasheet(PDF) 1 Page - Atom Lighting

Part # AT9814
Description  100W,150W and 200W commercial LED Floodlight
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

AT9814 Datasheet(HTML) 1 Page - Atom Lighting

  AT9814 Datasheet HTML 1Page - Atom Lighting AT9814 Datasheet HTML 2Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
led floodlights
100W,150W and 200W commercial LED Floodlight
Features
• Ideal for sport venues, carparks and
outdoor applications
• Tempered Glass
• Quick installation
• Symmetrical light distribution
IK Rating
IK08
Colour temperature
Daylight
Warranty
3 year warranty
IP Rating
IP66
AT9814 - series iii
3YR
atomlighting.com.au
© 2020 Atom Lighting
Email: sales@evolt.com.au
Ph: 1300 4EVOLT (438 658)


Similar Part No. - AT9814

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
AT980 POSEICO-AT980 Datasheet
176Kb / 4P
PHASE CONTROL THYRISTOR
AT980S60 POSEICO-AT980S60 Datasheet
176Kb / 4P
PHASE CONTROL THYRISTOR
logo
Atom Lighting
AT9842 ATOM-AT9842 Datasheet
1Mb / 2P
LED WIDE AND NARROW BODY DIFFUSED BATTEN
15.06.2016
AT9842CW ATOM-AT9842CW Datasheet
1Mb / 2P
LED WIDE AND NARROW BODY DIFFUSED BATTEN
15.06.2016
AT9864 ATOM-AT9864 Datasheet
1Mb / 2P
LED WIDE AND NARROW BODY DIFFUSED BATTEN
15.06.2016
More results

Similar Description - AT9814

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DT100 TDK-DT100 Datasheet
162Kb / 2P
100W to 150W AC-DC External Power Supplies
logo
Molex Electronics Ltd.
130112-0132 MOLEX11-130112-0132 Datasheet
31Kb / 1P
In-line Replacement Transformer for 60W Floodlight and 100W Spotlight
logo
LinkCom Manufacturing C...
100W-LCCH LINKCOM-100W-LCCH Datasheet
500Kb / 4P
100W LED Power Supply
logo
Toppower Electronic Tec...
TP100 TOPPOWER-TP100 Datasheet
743Kb / 3P
100W~150W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP100DH TOPPOWER-TP100DH_19 Datasheet
741Kb / 3P
100W~150W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP100DH TOPPOWER-TP100DH_V01 Datasheet
254Kb / 3P
100W~200W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP100DH TOPPOWER-TP100DH_V02 Datasheet
780Kb / 3P
100W~200W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
logo
ETA-USA
ZWD100-SX-F-W5 ETA-USA-ZWD100-SX-F-W5 Datasheet
1Mb / 3P
100W High Power Density, 100~150W in 2?쓝4??fooprint
AOLL1-100 ETA-USA-AOLL1-100 Datasheet
1Mb / 4P
100W Exterior LED Driver
logo
Coolgear Inc.
CG-PD200DS-PCBA COOLGEAR-CG-PD200DS-PCBA Datasheet
231Kb / 2P
ChargeIt! Mini 200W Dual Type-C PD Charger PCBA 100W Output
Rev 05.230315
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com