Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT9814 Datasheet(PDF) 2 Page - Atom Lighting

Part # AT9814
Description  100W,150W and 200W commercial LED Floodlight
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

AT9814 Datasheet(HTML) 2 Page - Atom Lighting

  AT9814 Datasheet HTML 1Page - Atom Lighting AT9814 Datasheet HTML 2Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
270mm
Ø61mm
50mm
Revision 31.05.21
Information is subject to change without prior notice
Images are for illustrative purposes only
E&OE
AT9814
Product datasheet
Description
100W, 150W and 200W commercial LED Floodlight.
Finish
Black (BLK)
Product specification
Voltage
220-240V~ 50/60Hz
Power consumption
100W
150W
200W
Lumen output
14410lm
22235lm
29555lm
Light colour options
Daylight
Colour temperature
5000K
Colour rendering index
>70
Sdcm
<4
Beam angle
120º
Dimmable
No
Working temperature
-30°C – 45°C
IP Rating
IP66
IK Rating
IK08
Electrical classification
Class I
Lifetime
L70 B10 (9K) >54,000 Hours
Max. daily usage
20 Hours
Warranty
3 years
Product range
Accessories
Code
SKU
Wattage
AT9814/100
18105
100W
AT9814/150
18106
150W
AT9814/200
18107
200W
Code
Description
Finish
Material
AT9812/PMB
Pole mounting
bracket
Black
Aluminium
alloy
Dimensions
100W
150W
200W
POLE MOUNTING BRACKET
345mm
78mm
320mm
75mm
295mm
71mm
Wattage
Height
Width
Depth
Weight
100W
335mm
295mm
71mm
3.7kg
150W
375mm
320mm
75mm
4.8kg
200W
400mm
345mm
78mm
5.8kg



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com