Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GF200-0UR-014B Datasheet(PDF) 17 Page - LEDTRONICS, INC

Part # GF200-0UR-014B
Description  Miniature Based LED Lamps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDTRONICS [LEDTRONICS, INC]
Direct Link  http://www.ledtronics.com
Logo LEDTRONICS - LEDTRONICS, INC

GF200-0UR-014B Datasheet(HTML) 17 Page - LEDTRONICS, INC

Back Button GF200-0UR-014B Datasheet HTML 13Page - LEDTRONICS, INC GF200-0UR-014B Datasheet HTML 14Page - LEDTRONICS, INC GF200-0UR-014B Datasheet HTML 15Page - LEDTRONICS, INC GF200-0UR-014B Datasheet HTML 16Page - LEDTRONICS, INC GF200-0UR-014B Datasheet HTML 17Page - LEDTRONICS, INC GF200-0UR-014B Datasheet HTML 18Page - LEDTRONICS, INC GF200-0UR-014B Datasheet HTML 19Page - LEDTRONICS, INC GF200-0UR-014B Datasheet HTML 20Page - LEDTRONICS, INC GF200-0UR-014B Datasheet HTML 21Page - LEDTRONICS, INC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Electrical-Optical
Characteristics (Ta = 25ºC)
Voltage
V typ
Part Number
Current
mA typ
Miniature Packages
Replaces
Incandescent
Intensity
mcd
Special Features
All dimensions in inches. For millimeters multiply by 25.4
Angle
of
Illumi-
nation
T3-1/4 (9mm) Miniature Based LED Lamps
116
T3-1/4 (9mm) Miniature
Bayonet
BF304
BF321
T3-1/4 (9mm) Miniature Bayonet
LED Cluster
BF321-0PB-006B
BF321-0PB-014B
BF321-0PB-024B
BF321-0PB-028B
BF321-0PB-048B
BF321-0PB-120A
BF321-0PB-130B
BF304-0PB-006B
BF304-0PB-014B
BF304-0PB-024B
BF304-0PB-028B
BF304-0PB-048B
BF304-0PB-120A
BF304-0PB-130B
Replace BF321 With
B321 for Std. Beam
(15º)
Replace BF304 With
B304 for Std. Beam
(15º)
BF321-0PB-060B
BF304-0PB-060B
5/6V
12/14V
24V
28V
48V
60V
120VAC
130V
5/6V
12/14V
24V
28V
48V
60V
120VAC
130V
15
15
15
15
12
12
10
8
60
30
15
15
12
12
10
8
116
116
116
84
464
336
74
296
24MB,
313,757,1819,1829
48MB
60MB,1835
120MB, NE51H
6MB, 44, 47, 755
12MB, 756
24MB,
313,757,1819,1829
48MB
60MB,1835
6MB, 44, 47, 755
12MB, 756
120MB, NE51H
84
336
53
212
BF3126-0PB-006B
BF3126-0PB-014B
BF3127-0PB-024B
BF3127-0PB-028B
BF3127-0PB-048B
BF3127-0PB-120A
BF3127-0PB-130B
BF3127-0PB-060B
5/6V
12/14V
24V
28V
48V
60V
120VAC
130V
90
30
15
15
12
12
10
8
360
360
420
420
336
315
24MB,
313,757,1819,1829
48MB
60MB,1835
6MB, 44, 47, 755
12MB, 756
120MB, NE51H
336
252
464
464
464
Replace BF3126/3127
With B3126/3127 for
Std. Beam (15º)
BF3126/
BF3127
120º
120º
120º
T3-1/4 (9mm) Miniature Bayonet
LED Cluster
1.19 MAX
.40
1.02
.57
1.10 MAX
.40
Options
Series: BN306/BN307
PN Example: BN306-0UO-006B
1.19
.67
1.19
.40
Series: B321
PN Example: B321-0UO-006B
Series: BM326
PN Example: BM326-0UR-006B
Series: BN309
PN Example: BN309-0AG-024B
Series: B3206
PN Example: B3206-0UR-120A
1.19
.40
.990
.367
.88
1.22
B3127
Center Contact Polarity
B = Bipolar AC/DC
A = AC only
Center Contact Polarity
B = Bipolar AC/DC
A = AC only
Center Contact Polarity
B = Bipolar AC/DC
A = AC only
470nm Super Blue
SiC/GaN
470nm Super Blue
SiC/GaN
470nm Super Blue
SiC/GaN
LEDTRONICS, INC.
THE FUTURE OF LIGHT
23105 Kashiwa Court, Torrance, CA 90505
Phone: (800) 579-4875 or (310) 534-1505
Fax: (310) 534-1424
E-mail: webmaster@ledtronics.com
Website: www.ledtronics.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com